Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TVP7002PZP Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # TVP7002PZP
Description  TRIPLE 8-/10-BIT 165-/110-MSPS, VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TVP7002PZP Datasheet(HTML) 35 Page - Texas Instruments

Back Button TVP7002PZP Datasheet HTML 31Page - Texas Instruments TVP7002PZP Datasheet HTML 32Page - Texas Instruments TVP7002PZP Datasheet HTML 33Page - Texas Instruments TVP7002PZP Datasheet HTML 34Page - Texas Instruments TVP7002PZP Datasheet HTML 35Page - Texas Instruments TVP7002PZP Datasheet HTML 36Page - Texas Instruments TVP7002PZP Datasheet HTML 37Page - Texas Instruments TVP7002PZP Datasheet HTML 38Page - Texas Instruments TVP7002PZP Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 52 page
background image
www.ti.com
Input Mux Select 1
TVP7002
SLES206 – MAY 2007
Subaddress
19h
Default (00h)
7
6
5
4
3
2
1
0
SOG Select [1:0]
Red Select [1:0]
Green Select [1:0]
Blue Select [1:0]
SOG Select [1:0]: Selects one of three SOG inputs.
00 = SOGIN_1 input selected (default)
01 = SOGIN_2 input selected
10 = SOGIN_3 input selected
11 = Reserved
Red Select [1:0]: Selects one of three R/Pr inputs.
00 = RIN_1 input selected (default)
01 = RIN_2 input selected
10 = RIN_3 input selected
11 = Reserved
Green Select [1:0]: Selects one of four G/Y inputs.
00 = GIN_1 input selected (default)
01 = GIN_2 input selected
10 = GIN_3 input selected
11 = GIN_4 input selected
Blue Select [1:0]: Selects one of three B/Pb inputs.
00 = BIN_1 input selected (default)
01 = BIN_2 input selected
10 = BIN_3 input selected
11 = Reserved
35
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com