Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TVP7002PZP Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # TVP7002PZP
Description  TRIPLE 8-/10-BIT 165-/110-MSPS, VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TVP7002PZP Datasheet(HTML) 40 Page - Texas Instruments

Back Button TVP7002PZP Datasheet HTML 36Page - Texas Instruments TVP7002PZP Datasheet HTML 37Page - Texas Instruments TVP7002PZP Datasheet HTML 38Page - Texas Instruments TVP7002PZP Datasheet HTML 39Page - Texas Instruments TVP7002PZP Datasheet HTML 40Page - Texas Instruments TVP7002PZP Datasheet HTML 41Page - Texas Instruments TVP7002PZP Datasheet HTML 42Page - Texas Instruments TVP7002PZP Datasheet HTML 43Page - Texas Instruments TVP7002PZP Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 52 page
background image
www.ti.com
Automatic Level Control Filter
Reserved
TVP7002
SLES206 – MAY 2007
Subaddress
28h
Default (53h)
7
6
5
4
3
2
1
0
Reserved
NSV [3:0]
NSH [2:0]
NSV [3:0]: ALC vertical filter coefficient. First-order recursive filter coefficient. ALC updates once per video line.
NSV [3:0]
Description
0000 = 1
Fastest setting. ALC converges in one iteration (i.e., one video line)
0001 = 1/2
0010 = 1/4
0011 = 1/8
0100 = 1/16
0101 = 1/32
0110 = 1/64
0111 = 1/128
1000 = 1/256
1001 = 1/512
1010 = 1/1024 (default)
Slowest setting. Provides the most filtering.
1011 = 1/1024
1100 = 1/1024
1101 = 1/1024
1110 = 1/1024
1111 = 1/1024
NSH [2:0]: ALC horizontal sample filter coefficient. Multi-tap running average filter coefficient.
NSH [2:0]
Description
000 = 1/2
2-tap running average filter
001 = 1/4
010 = 1/8
011 = 1/16 (default)
100 = 1/32
101 = 1/64
110 = 1/128
111 = 1/256
256-tap running average filter
Subaddress
29h
Default (08h)
7
6
5
4
3
2
1
0
Reserved[7:0]
Reserved [7:0]:
08h = Required (default)
40
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com