Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TVP7002PZP Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TVP7002PZP
Description  TRIPLE 8-/10-BIT 165-/110-MSPS, VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TVP7002PZP Datasheet(HTML) 6 Page - Texas Instruments

Back Button TVP7002PZP Datasheet HTML 2Page - Texas Instruments TVP7002PZP Datasheet HTML 3Page - Texas Instruments TVP7002PZP Datasheet HTML 4Page - Texas Instruments TVP7002PZP Datasheet HTML 5Page - Texas Instruments TVP7002PZP Datasheet HTML 6Page - Texas Instruments TVP7002PZP Datasheet HTML 7Page - Texas Instruments TVP7002PZP Datasheet HTML 8Page - Texas Instruments TVP7002PZP Datasheet HTML 9Page - Texas Instruments TVP7002PZP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
www.ti.com
TVP7002
SLES206 – MAY 2007
TERMINAL FUNCTIONS (continued)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
POWER SUPPLIES
NSUB
21, 91
I
Substrate ground. Connect to analog ground.
A33VDD
13, 14, 93, 94
I
Analog power. Connect to 3.3 V.
A33GND
12, 15, 92, 95
I
Analog 3.3-V return. Connect to ground.
AGND
3, 5, 8, 20
I
Analog 1.9-V return. Connect to ground.
AVDD
4, 6, 7, 19
I
Analog power. Connect to 1.9 V.
PLL_AVDD
84, 85
I
PLL analog power. Connect to 1.9 V.
PLL_AGND
83, 86, 90
I
PLL analog power return. Connect to ground.
DGND
40, 68
I
Digital return. Connect to ground.
DVDD
39, 69
I
Digital power. Connect to 1.9 V.
IOGND
27, 42, 54, 60,
I
Digital power return. Connect to ground.
67
IOVDD
26, 41, 53, 66
I
Digital power. Connect to 3.3 V or less for reduced noise.
SYNC SIGNALS
CLAMP
76
I
External Clamp input. Unused inputs can be connected to ground.
COAST
77
I
External PLL COAST signal input. Unused inputs can be connected to ground.
VSYNC_A
78
I
Vertical sync input A
VSYNC_B
79
I
Vertical sync input B
Unused inputs can be connected to ground.
HSYNC_A
81
I
Horizontal sync input A
HSYNC_B
82
I
Horizontal sync input B
Unused inputs can be connected to ground.
SOGIN1
1
I
Sync-on-green input 1
SOGIN2
99
I
Sync-on-green input 2
SOGIN3
97
I
Sync-on-green input 3
Unused inputs should be connected to ground using a 1-nF capacitor.
FIDOUT
22
O
Field ID output. Using bits 2 and 3 of register 16h, this pin may also be programmed to be the
internal sync processing clock output, coast output, clamp pulse output, or data enable.
VSOUT
23
O
Vertical sync output
HSOUT
24
O
Horizontal sync output
SOGOUT
25
O
Sync-on-green slicer output
6
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com