Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TVP7002PZP Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TVP7002PZP
Description  TRIPLE 8-/10-BIT 165-/110-MSPS, VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TVP7002PZP Datasheet(HTML) 8 Page - Texas Instruments

Back Button TVP7002PZP Datasheet HTML 4Page - Texas Instruments TVP7002PZP Datasheet HTML 5Page - Texas Instruments TVP7002PZP Datasheet HTML 6Page - Texas Instruments TVP7002PZP Datasheet HTML 7Page - Texas Instruments TVP7002PZP Datasheet HTML 8Page - Texas Instruments TVP7002PZP Datasheet HTML 9Page - Texas Instruments TVP7002PZP Datasheet HTML 10Page - Texas Instruments TVP7002PZP Datasheet HTML 11Page - Texas Instruments TVP7002PZP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
TVP7002
SLES206 – MAY 2007
IOVDD = 3.3 V, DVDD = 1.9 V, PLL_AVDD = 1.9 V, AVDD = 1.9 V, A33VDD = 3.3 V, T
A = 25°C
PARAMETER
TEST CONDITIONS(1)
TYP(2)
TYP(3)
UNIT
POWER SUPPLY
IA33VDD
3.3-V supply current
78.75 MHz, BC = 5
67
67
mA
IIOVDD
3.3-V supply current
78.75 MHz, BC = 5
21
56
mA
IAVDD
1.9-V supply current
78.75 MHz, BC = 5
206
209
mA
IPLL_VDD
1.9-V supply current
78.75 MHz, BC = 5
16
16
mA
IDVDD
1.9-V supply current
78.75 MHz, BC = 5
30
46
mA
PTOT
Total power dissipation, normal mode
78.75 MHz, BC = 5
743
893
mW
IA33VDD
3.3-V supply current
162 MHz, BC = 8
110
110
mA
IIOVDD
3.3-V supply current
162 MHz, BC = 8
35
102
mA
IAVDD
1.9-V supply current
162 MHz, BC = 8
275
279
mA
IPLL_VDD
1.9-V supply current
162 MHz, BC = 8
22
23
mA
IDVDD
1.9-V supply current
162 MHz, BC = 8
56
89
mA
PTOT
Total power dissipation, normal mode
162 MHz, BC = 8
1112
1403
mW
PDOWN
Total power dissipation, power-down mode
15
15
mW
(1)
BC = ADC bias control setting in I2C register, 2Ch.
(2)
SMPTE color bar RGB input pattern used.
(3)
Worst-case vertical line RGB input pattern used.
8
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com