Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TVP7002PZP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TVP7002PZP
Description  TRIPLE 8-/10-BIT 165-/110-MSPS, VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TVP7002PZP Datasheet(HTML) 1 Page - Texas Instruments

  TVP7002PZP Datasheet HTML 1Page - Texas Instruments TVP7002PZP Datasheet HTML 2Page - Texas Instruments TVP7002PZP Datasheet HTML 3Page - Texas Instruments TVP7002PZP Datasheet HTML 4Page - Texas Instruments TVP7002PZP Datasheet HTML 5Page - Texas Instruments TVP7002PZP Datasheet HTML 6Page - Texas Instruments TVP7002PZP Datasheet HTML 7Page - Texas Instruments TVP7002PZP Datasheet HTML 8Page - Texas Instruments TVP7002PZP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
www.ti.com
FEATURES
APPLICATIONS
TVP7002
SLES206 – MAY 2007
TRIPLE 8-/10-BIT 165-/110-MSPS,
VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
• Analog Channels
• Horizontal PLL
–
–6-dB to 6-dB Analog Gain
–
Fully Integrated Horizontal PLL for Pixel
Clock Generation
–
Analog Input Multiplexers (MUXs)
–
12-MHz to 165-MHz Pixel Clock Generation
–
Automatic Video Clamp
From HSYNC Input
–
Three Digitizing Channels, Each With
–
Adjustable Horizontal PLL Loop Bandwidth
Independently Controllable Clamp, Gain,
for Minimum Jitter
Offset, and Analog-to-Digital Converter
(ADC)
–
5-Bit Programmable Subpixel Accurate
Positioning of Sampling Phase
–
Clamping: Selectable Clamping Between
Bottom Level and Mid-Level
• Output Formatter
–
Offset: 1024-Step Programmable RGB or
–
Supports 20-bit 4:2:2 Outputs With
YPbPr Offset Control
Embedded Syncs
–
Gain: 8-Bit Programmable Gain Control
–
Support for RGB/YCbCr 4:4:4 and YCbCr
4:2:2 Output Modes to Reduce Board
–
ADC: 8-/10-Bit 165-/110-MSPS ADC
Traces
–
Automatic Level Control (ALC) Circuit
–
Dedicated DATACLK Output With
–
Composite Sync: Integrated
Programmable Output Polarity for Easy
Sync-on-Green Extraction From
Latching of Output Data
Green/Luminance Channel
• System
–
Support for DC- and AC-Coupled Input
–
Industry-Standard Normal/Fast I2C
Signals
Interface With Register Readback
–
Supports Component Video Standards
Capability
480i, 576i, 480p, 576p, 720p, 1080i, and
–
Space-Saving 100-Pin TQFP Package
1080p
–
Thermally-Enhanced PowerPAD™ Package
–
Supports PC Graphics Inputs up to UXGA
for Better Heat Dissipation
–
Programmable RGB-to-YCbCr Color
–
Glueless Interface to TVP9000/9001 Video
Space Conversion
Processor Back-End Devices
<br/>
• LCD TV/Monitors/Projectors
• Digital Image Processing
• DLP TV/Projectors
• Video Capture/Video Editing
• PDP TV/Monitors
• Scan Rate/Image Resolution Converters
• LCOS TV/Monitors
• Video Conferencing
• PCTV Set-Top Boxes
• Video/Graphics Digitizing Equipment
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments.
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TVP7002PZP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TVP7002PZP TI1-TVP7002PZP Datasheet
542Kb / 58P
TRIPLE 8-/10-BIT 165-/110-MSPS VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
TVP7002PZPR TI1-TVP7002PZPR Datasheet
542Kb / 58P
TRIPLE 8-/10-BIT 165-/110-MSPS VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
More results

Similar Description - TVP7002PZP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS8083A TI-THS8083A Datasheet
267Kb / 64P
TRIPLE 8 BIT 80 MSPS 3.3V VIDEO AND GRAPHICS
TVP7000 TI-TVP7000 Datasheet
316Kb / 37P
TRIPLE 8/10-BIT, 150/110 MSPS, VIDEO AND GRAPHICS DIGITIZER WITH ANALOG PLL
TVP7001 TI-TVP7001 Datasheet
391Kb / 32P
TRIPLE 8/10-BIT, 165/110 MSPS, VIDEO AND GRAPHICS DIGITIZER WITH ANALOG PLL
THS8083T TI-THS8083T Datasheet
262Kb / 61P
Triple 8-Bit, 80 MSPS, 3.3-V Video and Graphics Digitizer With Digital PLL
TVP70025I TI-TVP70025I Datasheet
677Kb / 55P
TRIPLE 10-BIT, 90-MSPS, VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
THS8136 TI-THS8136 Datasheet
480Kb / 17P
TRIPLE 10-BIT 180-MSPS GRAPHICS AND VIDEO DAC
THS8083 TI1-THS8083 Datasheet
271Kb / 61P
Triple 8-Bit, 80 MSPS, 3.3-V Video and Graphics Digitizer With Digital PLL
THS8083APZPG4 TI-THS8083APZPG4 Datasheet
306Kb / 63P
Triple 8-Bit, 80 MSPS 3.3-V Video and Graphics
TVP7002 TI1-TVP7002_16 Datasheet
542Kb / 58P
TRIPLE 8-/10-BIT 165-/110-MSPS VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
TVP7000 TI1-TVP7000_17 Datasheet
364Kb / 39P
TRIPLE 8/10-BIT, 150/110 MSPS, VIDEO AND GRAPHICS DIGITIZER WITH ANALOG PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com