Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMIC25BPQR Datasheet(PDF) 44 Page - STMicroelectronics

Part # STPMIC25BPQR
Description  Highly integrated power management IC for microprocessor units
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC25BPQR Datasheet(HTML) 44 Page - STMicroelectronics

Back Button STPMIC25BPQR Datasheet HTML 40Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 41Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 42Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 43Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 44Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 45Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 46Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 47Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 145 page
background image
5.4
Feature descriptions
5.4.1
VIN monitoring
The main input supply pin VIN is monitored permanently by the PMIC state machine. There are different threshold
triggers on VIN. The lowest to the highest thresholds are: VINPOR, VINOK, and VINLOW as presented in the
Figure 13.
Figure 13. VIN monitoring thresholds
Christophe Belet
VIN
VINPOR_Rise
VINOK_Rise (NVM)
VINLOW_Fall
VINLOW_Rise
VINOK_Fall
VINPOR_Fall
VINLOW_FA Interrupt
VINLOW_RI Interrupt
200 mV
VINOK_HYST (NVM)
VINLOW_HYST
5.4.1.1
VINPOR
VINPOR is the minimum voltage required to supply the PMIC internal circuitry. It is specified by two hardcoded
thresholds with 200 mV hysteresis:
Below VINPOR_Fall, the PMIC is considered as not supplied.
Above VINPOR_Rise, the PMIC internal circuitry is functional.
Note:
Once VIN rises above VINPOR_Rise, PMIC internal circuitry remains functional until VIN falls below VINPOR_Fall.
Refer to Section 3.4.1 for threshold values.
5.4.1.2
VINOK
VINOK is the minimal voltage required to allow the PMIC to work in the POWER_ON state.
It is specified by VINOK_Rise threshold and VINOK_HYST hysteresis values that can be adjusted in the NVM,
respectively by the VINOK_RISE[1:0] and VINOK_HYST[1:0] bits field.
If VIN falls below VINOK_Fall (VINOK_Fall = VINOK_Rise – VINOK_HYST), then it is considered as a hard-fault turn-OFF
condition and the PMIC immediately starts the POWER_DOWN sequence (see Section 5.4.4.). Following this
condition, the PMIC waits for the tVINOK_Fall delay before it can restart, even if VIN goes back higher than
VINOK_Rise before the tVINOK_Fall delay ends.
Definition: The VIN > VINOK condition means that if VIN rises above VINOK_Rise then VIN remains higher than
VINOK_Fall. Reciprocally, VIN < VINOK means that VIN < VINOK_Fall or VIN is less than the VINOK_Rise threshold (this
definition is just to simplify the state machine description).
5.4.1.3
VINLOW
VINLOW operates as a flag: VINLOW_Fall and VINLOW_Rise are configurable software thresholds that notify the AP
(via an interrupt line) when the VIN voltage crosses one of those two thresholds.
VINLOW can be enabled and configured by programming the register VINLOW_CR.
VINLOW_Rise and VINLOW_Fall thresholds generate respectively VINLOW_RI and VINLOW_FA interrupts, allowing the
application processor to take relevant actions. They can be unmasked independently.
The VINLOW_RI interrupt is asserted once VIN goes below the VINLOW_Rise threshold.
The VINLOW_FA interrupt is asserted once VIN goes higher than the VINLOW_Fall threshold.
STPMIC25
Feature descriptions
DS14278 - Rev 3
page 44/145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com