Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMIC25BPQR Datasheet(PDF) 94 Page - STMicroelectronics

Part # STPMIC25BPQR
Description  Highly integrated power management IC for microprocessor units
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC25BPQR Datasheet(HTML) 94 Page - STMicroelectronics

Back Button STPMIC25BPQR Datasheet HTML 90Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 91Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 92Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 93Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 94Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 95Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 96Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 97Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 98Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 145 page
background image
6.5.5
BUCKx PWRCTRL control register (BUCKx_PWRCTRL_CR) (x = 1 to 7)
Table 58. BUCKx_PWRCTRL_CR
7
6
5
4
3
2
1
0
PWRCTRL_DLY_H[1:0]
PWRCTRL_DLY_L[1:0]
PWRCTRL_SEL[1:0]
PWRCTRL_RST
PWRCTRL_EN
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
•
Address: 0x24/0x29/0x2E/0x33/0x38/0x3D/0x42
•
Default: 0x00
•
Description: BUCK1 to BUCK7 PWRCTRL control register.
This register is initialized to the default value in the CHECK&LOAD state. The user can write to these registers to
allocate a PWRCTRL signal for controlling the BUCKx (see Section 5.4.6).
[7:6]
PWRCTRL_DLY_H[1:0]: BUCKx control/reset source shift delay from low to High level
00: no delay
01: 1.5 ms delay
10: 3 ms delay
11: 6 ms delay
[5:4]
PWRCTRL_DLY_L[1:0]: BUCKx control/reset source shift delay from high to Low level
00: no delay
01: 1.5 ms delay
10: 3 ms delay
11: 6 ms delay
[3:2]
PWRCTRL_SEL[1:0]: BUCKx control/reset PWRCTRL source selection
00: No control source
01: PWRCTRL1 control source
10: PWRCTRL2 control source
11: PWRCTRL3 control source
[1]
PWRCTRL_RST: BUCKx independent reset source enable
0: no effect
1: reset enable (when the selected PWRCTRL source is active, BUCKx is disabled and the BUCKx control registers are
reset to the default value. When the selected PWRCTRL source is inactive, BUCKx operates according to
BUCKx_MAIN_CR1 / 2. See Table 27).
[0]
PWRCTRL_EN: BUCKx control source enable
0: disable (BUCKx operates according to BUCKx_MAIN_CR1 / 2)
1: enable (BUCKx operates according to BUCKx_MAIN_CR1 / 2 or BUCKx_ALT_CR1 / 2 depending on the PWRCTRL
selected source. See Table 27).
STPMIC25
Register descriptions
DS14278 - Rev 3
page 94/145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com