Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMIC25BPQR Datasheet(PDF) 50 Page - STMicroelectronics

Part # STPMIC25BPQR
Description  Highly integrated power management IC for microprocessor units
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC25BPQR Datasheet(HTML) 50 Page - STMicroelectronics

Back Button STPMIC25BPQR Datasheet HTML 46Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 47Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 48Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 49Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 50Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 51Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 52Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 53Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 145 page
background image
Table 26. PWRCTRLx polarity truth table
PWRCTRLx input level
PWRCTRLx_POL
PWRCTRLx logic level
0
0
Active
1
0
Inactive
0
1
Inactive
1
1
Active
Note:
x is the instance number of the PWRCTRL pin.
STANDBY_PWRCTRL_SEL[1:0]: State machine control source selection for state transition RUN <=> STANDBY
when the PMIC is in the POWER_ON state (see Section 5.1).
WDG_PWRCTRL_SEL[1:0]: Watchdog control source selection. When PWRCTRLx is active, the watchdog timer
is suspended. When PWRCTRLx is inactive, the watchdog timer is running (if watchdog is enabled) (see
Section 5.4.10).
Note: There is one instance of the following registers per regulator instance:
PWRCTRL_SEL[1:0]: BUCKx control/reset source selection.
PWRCTRL_DLY_H[1:0]: BUCKx control/reset source shift delay from low to High level (typically to perform the
power ON sequence between different regulators; driven by a PWRCTRL signal). 0 = no delay; 1 = 1.5 ms delay;
2 = 3 ms delay; and 3 = 6 ms delay.
PWRCTRL_DLY_L[1:0]: BUCKx control/reset source shift delay from high to Low level (typically to emulate the
power OFF sequence between different regulators; driven by a PWRCTRL signal). 0 = no delay; 1 = 1.5 ms
delay; 2 = 3 ms delay; and 3 = 6 ms delay.
PWRCTRL_EN: BUCKx control source enable. 0: disable, 1: enable. When enabled, BUCKx is controlled from a
PWRCTRL signal:
•
If PWRCTRL is inactive, the BUCKx_MAIN_CR register is used to control BUCKx
•
If PWRCTRL is active, the BUCKx_ALT_CR register is used to control BUCKx
PWRCTRL_RST: BUCKx independent reset source enable. 0: disable, 1: enable. When enabled, BUCKx is reset
from a PWRCTRL signal. See Section 5.4.6.2 for details:
1. If PWRCTRL is active
2. BUCKx is disabled (forced by the DISABLEn signal in Figure 15)
3. The BUCKx_MAIN_CR and BUCKx_ALT_CR registers are reset to default value (the NVM default value is
reloaded in both registers).
4. If PWRCTRL is inactive, the BUCKx_MAIN_CR register is used to control BUCKx.
Notes:
1 - If both PWRCTRL_EN and PWRCTRL_RST are set by mistake, both the control source and independent
reset features are disabled (no effect).
2 - The above bit field descriptions are also applicable for LDOs by replacing BUCKx with LDOx.
Table 27. Regulator control truth table
PWRCTRLx logic level
PWRCTRL_RST
PWRCTRL_EN
Regulator control register
active or inactive
0
0
xxx_MAIN_CR
active
0
1
xxx_ALT_CR
inactive
0
1
xxx_MAIN_CR
active
1
0
xxx regulator disabled (OFF)
xxx_MAIN_CR & xxx_ALT_CR registers are reset to default value
inactive
1
0
xxx_MAIN_CR
active or inactive
1
1
xxx_MAIN_CR
Note:
: x is the instance number of the PWRCTRL pin; xxx is the instance name of a regulator.
STPMIC25
Feature descriptions
DS14278 - Rev 3
page 50/145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com