Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMIC25BPQR Datasheet(PDF) 32 Page - STMicroelectronics

Part # STPMIC25BPQR
Description  Highly integrated power management IC for microprocessor units
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC25BPQR Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STPMIC25BPQR Datasheet HTML 28Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 29Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 30Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 31Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 32Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 33Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 34Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 35Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 145 page
background image
4.3.1
Buck converters' common features
Enable/Disable: each buck can be enabled or disabled independently (same behavior as LDO: see
Section 4.2.1)
VOUT voltage setting: output voltage can be set:
•
Automatically during a POWER_UP or POWER_DOWN sequence depending on the NVM settings.
•
By software (I²C access): setting the VOUT bit field in the related buck control register.
•
By PWRCTRLx pins state change: the BUCKx converter behaves according to BUCKx_MAIN_CR and
BUCKx_ALT_CR content setting. BUCKx_MAIN_CR or BUCKx_ALT_CR is selected by the PWRCTRL pin
allocated to BUCKx (see section Section 5.4.6 (PWRCTRLx)).
Forced PWM mode (CCM mode): each buck can be forced to work in PWM mode to keep a constant frequency
and low ripple.
HP/LP mode: each buck supports High Power (HP) mode and Low Power (LP) mode:
High Power mode (HP): buck converters work with maximum performance response.
Low Power mode (LP): the target of the LP mode is to decrease quiescent current. Buck converters work with
limited performance.
In LP mode, buck converters support max IOUT_LP_PEAK peak currents.
HP/LP and forced PWM modes are activated by two bits PREG_MODE [1:0] register as follows:
00: HP (or auto mode)
01: LP
10: Forced PWM (CCM)
11: reserved
Clock synchronization and clock phase shifting: in HP mode, when all buck converters work in a steady state
in CCM mode, they are synchronized with a clock and are shifted by 45° in the following order:
•
BUCK1
•
45°: BUCK4
•
90°: BUCK2
•
135°: BUCK5
•
180°: BUCK3
•
225°: BUCK6
•
270°: BUCK7
Note:
It is possible to force all buck converters' synchronization by 45° phase shifting by setting all buck converters in
forced CCM mode. This improves EMI and avoids peak current on the main power supply input source.
Frequency spreading: switching frequency spreading is supported to help manage EMC.
Dynamic voltage scaling (DVS): when the buck output voltage is increased/decreased dynamically by the
software, the buck output voltage (VOUT) is stepped up/down following the SRBK slew rate.
When a lower VOUT is set, part of the buck converter output energy is discharged from the output capacitor
following the SRBK slew rate, providing current back to the input supply capacitor. This operation improves the
total power efficiency.
STPMIC25
Power regulator descriptions
DS14278 - Rev 3
page 32/145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com