Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMIC25BPQR Datasheet(PDF) 39 Page - STMicroelectronics

Part # STPMIC25BPQR
Description  Highly integrated power management IC for microprocessor units
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC25BPQR Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STPMIC25BPQR Datasheet HTML 35Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 36Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 37Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 38Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 39Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 40Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 41Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 42Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 145 page
background image
Transition
symbol
State transition
Transition condition
M
POWER_DOWN to
FAIL_SAFE_LOCK
VIN_FLT_CNT > VIN_FLT_CNT_MAX ||
PKEY_FLT_CNT > PKEY_FLT_CNT_MAX ||
TSHDN_FLT_CNT > TSHDN_FLT_CNT_MAX ||
OCP_FLT_CNT > OCP_FLT_CNT_MAX ||
WDG_FLT_CNT > WDG_FLT_CNT_MAX
N
FAIL_SAFE_LOCK to OFF
Transition to force leaving the fail-safe locked state:
FAIL_SAFE_LOCK_DIS (NVM bit) ||
PKEY_LKP_FSLS (PONKEY Long Key Press Fail-Safe-Lock-Skip bit)
5.1.2
State explanations
5.1.2.1
NO_SUPPLY
VIN is below VINPOR_Fall - see Section 5.4.1. No output state can be guaranteed in this state.
5.1.2.2
INIT&LOAD
The INIT&LOAD state is immediately reached when VIN is higher than VINPOR_Rise.
STPMIC25 releases internal POR circuitry, it initializes, all registers are reset, the NVM load is performed (see
Section 5.5.2), and RSTn is asserted.
If the Auto_turn_on condition is true, PMIC makes a transition to the CHECK&LOAD state. Prior to leaving the
INIT&LOAD state, the TURN_ON_SR is reset, and then the TURN_ON_SR[AUTO] bit is set.
If the Auto_turn_on condition is false, STPMIC25 evaluates the PONKEYn and VBUS status. If the turn on
condition is not recognized, STPMIC25 makes the transition to the OFF state, otherwise it sets the proper bit in
TURN_ON_SR and makes the transition to the CHECK&LOAD state (see Table 21.).
5.1.2.3
OFF
The OFF state is entered from the INIT&LOAD state, the POWER_DOWN state, or the FAIL_SAFE_LOCK state.
In the OFF state, the PMIC is in the lowest power consumption state, and all regulators are turned OFF. The
voltage references are OFF and RSTn is asserted by PMIC.
All fail-safe counters are reset (xxx_FLT_CNT). Fail-safe timers (FLT_TMR), reset-fault-counter-timers
(RST_FLT_CNT_TMR), and watchdog timers are stopped.
The transition to the CHECK&LOAD state (see Table 21) is triggered by a turn-on condition (see Section 5.4.3)
Prior to leaving the OFF state, the TURN_ON_SR is reset, then the related turn-on condition bit is set in the
TURN_ON_SR register.
5.1.2.4
CHECK&LOAD
CHECK&LOAD is a transitional state from a user point of view. It prepares the PMIC to power-up.
The PMIC enables internal reference voltages, thermal monitoring, and VIN monitoring.
The NVM is reloaded into shadow registers. Some registers are initialized with default values from the NVM
content.
RSTn is asserted by the PMIC.
After the CHECK&LOAD state, the PMIC always transitions to the POWER-UP state if power-up conditions are
fulfilled (see Table 21 ) and the fault timer (FLT_TMR) ends. The fault timer waits before restarting the PMIC after
a hard-fault (see Section 5.4.5)
5.1.2.5
POWER_UP
The PMIC starts sequential regulators following a sequence that is predefined in the NVM and a default voltage
that is predefined in the NVM (see Section 5.2).
During the power-up sequence, RSTn is asserted by the PMIC. When the power-up sequence ends without a
hard-fault, the PMIC releases an RSTn signal.
STPMIC25
Feature descriptions
DS14278 - Rev 3
page 39/145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com