Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMIC25BPQR Datasheet(PDF) 22 Page - STMicroelectronics

Part # STPMIC25BPQR
Description  Highly integrated power management IC for microprocessor units
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC25BPQR Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STPMIC25BPQR Datasheet HTML 18Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 19Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 20Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 21Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 22Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 23Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 24Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 25Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 145 page
background image
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IOUT_LP_PEAK
Peak output current
in LP mode
2.8 V < VBUCKIN < 5.5 V, tPEAK up to 1 ms
200
mA
IBCKLIM
Inductor peak current
limit (with typical BoM
list)
Programmable value in NVM_BUCKS_IOUT_SHR
Ref. Table 1. Default configuration table NVM setting A and B version
Max output current steps (0.25 A, 0.5 A) can be defined based on the
selected inductor peak current limit level
1.1
1.5
A
fREFCLK
Reference switching
frequency
CCM mode
2
MHz
IQ_BCK
Total quiescent
current
IOUT = 0 mA, HP mode
130
300
µA
IOUT = 0 mA, LP mode
40
80
IBUCKIN_LKG Input leakage current BUCK output disabled, Tj = 25 °C
0.01
1.5
EFFBCK
Efficiency
VBUCKIN = 5 V, VOUT = 1.8 V
HP mode, Tj = 50 °C, LP mode, IOUT = 0.1 mA
LP mode, IOUT = 1 mA IOUT = 10 mA
IOUT = 100 mA
IOUT = 500 mA
40
78
85
87
88
%
VOUT-LO
Load transient
regulation (1)
HP mode; 3.0 V < VBUCKIN < 5.5 V,
ΔV (in-out) > 1.5 V,
5 mA < IOUT < 500 mA, ΔIOUT = 100 mA,
tR = tF = 1 µs, forced PWM mode ON
15
mV
HP mode, 3.0 V < VBUCKIN < 5.5 V
ΔV (in-out) > 1.5 V,
5 mA < IOUT < 500 mA, ΔIOUT = 100 mA
tR = tF = 1µs, forced PWM mode OFF
20
LP mode, 0 < IOUT <5 0 mA, ΔIOUT = 50 mA, tR = tF = 1 µs
30
VOUT-LI
Line transient
regulation
ΔVBUCKIN = 600 mV, ΔIOUT = 0, tR = tF =10 μs
ΔV (in-out) > 1.5 V, 1.8 V < VOUT < 3.3 V, HP mode
1.5
VOUT-OVR
Power-up overshoot
2.8 V < VBUCKIN < 5.5 V, IOUT = 1 mA, TA = 25 °C, 1.5 V < VOUT < 4.2 V
5
tLP-HP-BCK
Recovery time from
LP to HP mode
VOUT_LP = VOUT_HP
40(3)
µs
tSU_BCK
Startup delay (delay
before voltage starts
to rise)
Delay time from PWRCTRL signal (PWRCTRL_DLY = 0)
25 (4)
40 (3)
µs
tSS_BCK
Soft-start duration
2.8 V < VBUCKIN < 5.5 V, 1 mA < IOUT < 100 mA, VOUT = 4.2 V
235
400
µs
SRBCK
Output voltage slew
rate
Slew rate during startup
10.3
17.5
mV/µs
DVS slew rate of a voltage programmed change low to high or high to
low, from VOUT = 1.5 V to 4.2 V
2
3.1
tSD_BCK
Shutdown duration
From VOUT = 3.3 V to VOUT < 0.2 V,
2.8 V < VBUCKIN < 5.5 V, IOUT < 1 mA, slow PD
1.5
ms
From VOUT = 3.3 V to VOUT < 0.2 V,
2.8 V < VBUCKIN < 5.5 V, IOUT < 1 mA, fast PD
0.3
1. Guaranteed by design - not tested in production. Load transient performances are strongly impacted by the external passive components
characteristics. The load transient is also influenced by the parasitic elements of the PCB layout. For more info see the forthcoming AN.
2. See 1: startup sequence.
STPMIC25
Electrical and timing characteristics
DS14278 - Rev 3
page 22/145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com