Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMIC25BPQR Datasheet(PDF) 11 Page - STMicroelectronics

Part # STPMIC25BPQR
Description  Highly integrated power management IC for microprocessor units
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC25BPQR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STPMIC25BPQR Datasheet HTML 7Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 8Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 9Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 10Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 11Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 12Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 13Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 14Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 145 page
background image
3.4.2
Digital interface
Table 8. Electrical and timing parameter specifications (digital interface)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Digital interface
VIO
VIO input voltage for IO signal
1.7
1.8 or 3.3
3.6
V
VIL
PONKEYn input low voltage
0
0.3 x VIN
WAKEUPn input low voltage
0
0.3 x VINTLDO
RSTn, PWRCTRL1, PWRCTRL2,
PWRCTRL3, input low voltage
Tj = 25°C
0
0.3 x VIO
SDA, SCL input low voltage
Tj = 25°C
0
0.3 x VIO
VIH
PONKEYn input high voltage
0.7 x VIN
VIN
WAKEUPn input high voltage
0.7 x VINTLDO
VINTLDO
RSTn, PWRCTRL1, PWRCTRL2,
PWRCTRL3, input high voltage
0.7 x VIO
VIO
SDA, SCL input high voltage
0.7 x VIO
VIO
VHYST
PONKEYn input hysteresis
0.1 x VIN
WAKEUPn input hysteresis
0.1 x VINTLDO
RSTn, PWRCTRL1, PWRCTRL2,
PWRCTRL3, input hysteresis
0.1 x VIO
SDA, SCL input hysteresis
0.1 x VIO
VOL
RSTn output low voltage
IIO = 4 mA, Tj = 25°C
-
0.4
INTn output low voltage
IIO = 4 mA, Tj = 25°C
-
0.4
SDA, SCL output low voltage
IIO = 4 mA, Tj = 25°C
-
0.4
RPD
PWRCTRL1, PWRCTRL2, and
PWRCTRL3
pins pull-down resistor
Internally connected to GND
60
90
140
KΩ
RPU
PWRCTRL1, PWRCTRL2, and
PWRCTRL3
pins pull-up resistor
Internally connected to VIO
50
80
120
WAKEUPn pin pull-up resistor
Internally connected to VINTLDO
2500
4000
5500
RSTn pin pull-up resistor
Internally connected to VIO
50
80
120
INTn pin pull-up resistor
Internally connected to VIO
50
80
120
PONKEYn pin pullup resistor
Internally connected to VIN
80
110
140
tPONKEYnDB PONKEYn debounce filter duration
30
ms
tWAKEUPnAS WAKEUPn assertion time (1)
20
µs
tRSTnAS
RSTn assertion time (2)
20
1. WAKEUPn has no debounce filter. PMIC detects a pulse smaller than tWAKEUPnAS duration. PMIC must detect a pulse equal to or longer
than tWAKEUPnAS duration.
2. RSTn has no debounce filter. PMIC detects a pulse smaller than tRSTnAS duration. PMIC must detect a pulse equal to or longer than tRSTnAS
duration.
STPMIC25
Electrical and timing characteristics
DS14278 - Rev 3
page 11/145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com