Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMIC25BPQR Datasheet(PDF) 69 Page - STMicroelectronics

Part # STPMIC25BPQR
Description  Highly integrated power management IC for microprocessor units
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC25BPQR Datasheet(HTML) 69 Page - STMicroelectronics

Back Button STPMIC25BPQR Datasheet HTML 65Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 66Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 67Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 68Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 69Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 70Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 71Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 72Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 145 page
background image
6.2.5
Restart status register (RESTART_SR)
Table 34. RESTART_SR
7
6
5
4
3
2
1
0
Reserved
R_RST
R_WDG_FLT
R_TSHDN_FLT
R_OCP_FLT
R_VIN_FLT
R_PKEY_FLT
R_SWOFF
R
R
R
R
R
R
R
R
•
Address: 0x04
•
Default: 0b0xxxxxxx where x depends on a power-OFF condition which restarts the PMIC
•
Description: Stores last condition, which restarts the PMIC (power cycle).
The RESTART_SR register is reset in the POWER_DOWN state. Then RESTART_SR is set when going into the
CHECK&LOAD state (see Section 5.4.4: Turn-off conditions and Section 5.1.2: State explanations).
[7]
reserved
[6]
R_RST: Last restart is due to RSTn pin asserted low by the application processor (or by a user
reset button)
0: False
1: True
[5]
R_WDG_FLT: Last restart is due to watchdog hard-fault source while WDG_FLT_CNT <=
WDG_FLT_CNT_MAX.
0: False
1: True
[4]
R_TSHDN_FLT: Last restart is due to thermal shutdown hard-fault source while
TSHDN_FLT_CNT <= TSHDN_FLT_CNT_MAX.
0: False
1: True
[3]
R_OCP_FLT: Last restart is due to regulator overcurrent hard-fault source while OCP_FLT_CNT
<= OCP_FLT_CNT_MAX.
(overcurrent source is saved in OCP_SR1 or in OCP_SR2)
0: False
1: True
[2]
R_VIN_FLT: Last restart is due to VIN falling below VINOK_Fall hard-fault source while
VIN_FLT_CNT <= VIN_FLT_CNT_MAX.
(This is valid only if VIN is kept higher than VINPOR_Fall; or PMIC fully resets)
0: False
1: True
[1]
R_PKEY_FLT: Last restart is due to PONKEYn long key press hard-fault source while
PKEY_FLT_CNT <= PKEY_FLT_CNT_MAX.
0: False
1: True
[0]
R_SWOFF: Last restart is due to a restart request from AP (setting both SWOFF bit and
RREQ_EN bit in MAIN_CR register).
0: False
1: True
STPMIC25
Register descriptions
DS14278 - Rev 3
page 69/145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com