Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMIC25BPQR Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPMIC25BPQR
Description  Highly integrated power management IC for microprocessor units
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC25BPQR Datasheet(HTML) 4 Page - STMicroelectronics

  STPMIC25BPQR Datasheet HTML 1Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 2Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 3Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 4Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 5Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 6Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 7Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 8Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 145 page
background image
2.1
Recommended external components
Table 2. Passive components
Component
Manufacturer
Part number
Value
Size
CVIN, CLDO1OUT, CLDO2OUT, CLDO4OUT,
CLDO5OUT, CLDO6OUT, CLDO7OUT, CLDO8OUT,
CINTLDO
MURATA
GRM155R60J475ME47D
4.7 µF, 6.3 V
0402
CBUCK1IN, BUCK2IN, CBUCK3IN, CBUCK4IN,
CBUCK5IN, CBUCK6IN, CBUCK7IN
GRM188R61A106ME69D
10 µF, 10 V
0603
CVOUT1, CVOUT6
GRM188R60J226MEA0D
3 x 22 µF, 6.3 V
0603
CVOUT2, CVOUT3
4 x 22 µF, 6.3 V
CVOUT4, CVOUT5
GRM21BR61A226ME51L
3 x 22 µF, 10 V
0805
CVOUT7
4 x 22 µF, 10 V
CLDO12IN, CLDO56IN, CLDO78IN, CVREF
GRM155R61E105KA12D
1 µF, 25 V
0402
CLDO3IN, CLDO3OUT (1)
GRM155R60J106ME05D
10 µF, 6.3 V
0402
CVBUS
GRM188R61C475KE11D
4.7 µF, 16 V
0603
LX1, LX6, LX7
DFE201610E-R68M=P2
0.68 µH
0806
LX2, LX3
DFE252012F-R68M=P2
0.68 µH
1008
LX4, LX5
DFE201610E-2R2M=P2
2.2 µH
0806
1. 4.7 μF normal mode - 10 μF sink/source mode.
Note:
All the components above refer to a typical application working in an environment up to +85 °C ambient
temperature. The operation of the device is not limited to the choice of these external components. For different
environment application needs, see the forthcoming application note.
STPMIC25
Typical application schematic
DS14278 - Rev 3
page 4/145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com