Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMIC25BPQR Datasheet(PDF) 42 Page - STMicroelectronics

Part # STPMIC25BPQR
Description  Highly integrated power management IC for microprocessor units
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC25BPQR Datasheet(HTML) 42 Page - STMicroelectronics

Back Button STPMIC25BPQR Datasheet HTML 38Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 39Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 40Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 41Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 42Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 43Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 44Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 45Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 145 page
background image
5.2.4
POWER_DOWN:
Once a turn-OFF condition occurs, the PMIC asserts RSTn then the PMIC shuts down RANK0 regulators that
have been started by software (BUCK6 in the Figure 11 example).
Then the PMIC disables the regulators sequentially in reverse rank order from the POWER_UP sequence, by 1.5
ms slots.
For example (see Figure 11):
RANK5 (LDO4) then RANK4 (BUCK1) then RANK3 (BUCK2) then RANK2 (BUCK4) then RANK1 (LDO1).
When the RANK1 ends, the PMIC goes into the OFF state (RSTn is kept asserted).
The analog behavior of regulators is detailed in Section 4
5.3
Digital pin description
5.3.1
PONKEYn
The PONKEYn signal is intended to be connected to a push-button at the application level. If the push-button is
pressed by a user, the PONKEYn signal is grounded. If the push-button is released by the user, the PONKEYn
signal is floating, but the internal PMIC RPU ties PONKEYn to VIN.
Main characteristics:
•
Digital input
•
Active low
•
Programmable pull-up (RPU) internally connected to VIN; RPU active by default
•
Debounce filter on rising and falling edges (see Figure 12)
•
Turn-ON condition on falling edge (after debounce) when PMIC is in the OFF state
•
Turn-ON condition on low level from a PMIC POR (see Section 5.4.3)
•
Interrupt on falling and rising edges (after debounce)
•
Turn-OFF condition on PONKEYn long press (duration programmable)
Figure 12. PONKEYn debounce filter behavior
PONKEYn falling edge: the debounce filter timer is enabled once the PONKEYn voltage is lower than VIL. If a
bounce voltage higher than VIH occurs, the debounce filter timer is canceled and so on.
PONKEYn rising edge: the debounce filter timer is enabled once the PONKEYn voltage is higher than VIH. If a
bounce voltage lower than VIL occurs, the debounce filter timer is canceled and so on.
STPMIC25
Feature descriptions
DS14278 - Rev 3
page 42/145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com