Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMIC25BPQR Datasheet(PDF) 48 Page - STMicroelectronics

Part # STPMIC25BPQR
Description  Highly integrated power management IC for microprocessor units
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC25BPQR Datasheet(HTML) 48 Page - STMicroelectronics

Back Button STPMIC25BPQR Datasheet HTML 44Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 45Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 46Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 47Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 48Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 49Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 50Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 51Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 145 page
background image
From the NO_SUPPLY state and until a first turn-off condition occurs, the RST_FTL_CNT_TMR timer is disabled.
Once and each time a turn-off hard-fault condition occurs, the RST_FTL_CNT_TMR timer is reset to the
RST_FLT_CNT_TMR[1:0] value and restarted.
When the RST_FTL_CNT_TMR timer elapses:
•
All counters (*_FLT_CNT) are reset
•
The RST_FTL_CNT_TMR timer is stopped until a new turn-off hard-fault condition occurs
If PMIC reaches the FAIL_SAFE_LOCK state before the RST_FTL_CNT_TMR timer elapses, then
RST_FTL_CNT_TMR timer is reset and stopped.
A RSTn condition has no effect on the RST_FTL_CNT_TMR timer.
In the OFF state, the RST_FTL_CNT_TMR timer is reset and stopped, and all counters (*_FLT_CNT) are reset.
Table 25. Reset fault counter timer settings
RST_FLT_CNT_TMR[1:0] (NVM shadow register)
Timer duration
00
disabled
01
1 min
10
6 min
11
60 min
5.4.5.2
FAIL_SAFE_LOCK state skipping
When the PMIC enters into the FAIL_SAFE_LOCK state, it remains in this state until PMIC POR (VIN <
VINPOR_Fall).
Alternatively, there are two programmable options to force the PMIC to switch from the FAIL_SAFE_LOCK state
to the OFF state:
•
A PONKEYn long key press if the software sets the PKEY_LKP_FSLS bit prior to entering the
FAIL_SAFE_LOCK state or if the NVM_PKEY_LKP_FSLS bit is set in the NVM.
•
Set the bit FAIL_SAFE_LOCK_DIS in the NVM. It disables the FAIL_SAFE_LOCK feature (when the PMIC
enters into the FAIL_SAFE_LOCK state, it immediately transitions to the OFF state).
Note:
When the PMIC performs the transition from the FAIL_SAFE_LOCK state to the OFF state, a turn-ON condition
should occur to power-up the PMIC (the AUTO_TURN_ON bit has no effect on the FAIL_SAFE_LOCK state to
the OFF state transition).
STPMIC25
Feature descriptions
DS14278 - Rev 3
page 48/145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com