Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMIC25BPQR Datasheet(PDF) 15 Page - STMicroelectronics

Part # STPMIC25BPQR
Description  Highly integrated power management IC for microprocessor units
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC25BPQR Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STPMIC25BPQR Datasheet HTML 11Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 12Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 13Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 14Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 15Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 16Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 17Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 18Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 145 page
background image
3.4.6
LDO3
Table 12. Electrical and timing parameter specifications (LDO3)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
LDO3 normal mode (general purpose or lpDDR VDD1 backup)
VLDOIN
Main input voltage range
2.8
5.5
V
VLDOOUT
Output voltage
VLDOIN > VLDOOUT + VLDODROP
programmable value.
0.9 to 4.0
Voltage programming step
100
mV
VLDOOUT-ACC
Output voltage accuracy
VLDOIN = 2.8 V or 5.0 V, 1.7 V < VLDOOUT < 3.3 V
100 µA < ILDOOUT < 120 mA
-2
+2
%
ILDOLIM
Output current limitation
2.8 V < VLDOIN < 5.5 V
120
180
mA
ILDOQ
Total quiescent current
ILDOOUT = 0 mA
4
20
µA
ILDOIN_LKG
Input leakage current
LDO output disabled, Tj=25 °C
1
3
VLDODROP
Dropout voltage
VLDOOUT = 2.9 V, ILDOOUT = 100 mA
120
200
mV
VLDOOUT-LO
Load transient regulation
ILDOOUT = 100 µA to 50 mA, tR = tF = 1 µs
20
VLDOOUT-LI
Line transient regulation
VLDOIN = 3.0 V to 3.6 V, tR = tF = 10 μs
5
PSRRLDO
Power supply rejection
ratio
ΔVLDOIN = 300 mVPP, f = [0.1:20] kHz, Tj = 25 °C,
ILDOOUT = 50 mA
45
dB
ΔVLDOIN = 300 mVPP, f = [20:100] kHz, Tj = 25 °C,
ILDOOUT = 50 mA
40
tSSLDO
Soft-start duration
2.8 V < VLDOIN < 5.5 V, 0 < ILDOOUT < 1 mA
COUT = 4.7 µF, VOUT = 1.8 V
160
µs
VLDOOUT-SO
Startup overshoot
2.8 V < VLDOIN < 5.5 V,
1.7 V < VLDOOUT < 3.3 V ILDOOUT < 10 µA
1
%
tSDLDO
Shutdown duration
Pull-down enabled, VLDOOUT = 3.3 V to VLDOOUT = 0.2 V,
ILDOOUT = no load
1.5
ms
LDO3 sink-source mode (DDR VTT supply)
VLDOIN = VOUT6 = 1.2 V, VIN = 5.0 V, VBUCK6IN = 5.0 V, VLDOOUT = VREFDDR = VOUT6/2, Tj = -40 °C to +125 °C, recommended BOM, unless
otherwise specified
VLDOIN-SS
Input voltage range
1.1
1.2
1.6
V
VLDOOUT-SS
Output voltage
VREFDDR
VLDOOUT-ACC-SS Output voltage accuracy
1.1 V < VLDOIN < 1.6 V, -215 mA < ILDOOUT < +215 mA
-1.5
+1.5
%
ILDOOUT-SS
Continuous output current 1.1 V < VLDOIN < 1.6 V
120
mARMS
ILDOLIM-SS
Output current limitation
VLDOIN = 2.8 V to 5.5 V
±230
±500
mA
ILDOQ-SS
Total quiescent current
ILDOOUT = 0 mA
4
20
µA
VLDOOUT-LO-SS Load transient regulation
ILDOOUT = ± [0:50] mA, tR = tF = 250 ns
30
mV
VLDOOUT-LI-SS
Line transient regulation
VLDOIN = VOUT6 = 1.2 V ±30 mV, tR = tF = 10 μs
5
tSSLDO-SS
Soft-start duration
1.1 V < VLDOIN < 1.6 V, |ILDOOUT| < 1 mA, COUT = 10 µF
20
40
µs
VLDOOUT-SO-SS Startup overshoot
1.1 V < VLDOIN < 1.6 V, VLDOOUT = VREFDDR,
ILDOOUT = 10 µA
4
%
STPMIC25
Electrical and timing characteristics
DS14278 - Rev 3
page 15/145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com