Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMIC25BPQR Datasheet(PDF) 26 Page - STMicroelectronics

Part # STPMIC25BPQR
Description  Highly integrated power management IC for microprocessor units
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC25BPQR Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STPMIC25BPQR Datasheet HTML 22Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 23Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 24Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 25Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 26Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 27Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 28Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 29Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 145 page
background image
4.2
LDO regulators
LDO1 is a fixed 1.8 V low drop linear regulator designed to be typically used to supply the VDDA18AON MPU
application domain that needs to be powered.
LDO2, LDO5, LDO6, LDO7, and LDO8 are general purpose LDOs suitable to supply MPU application peripherals.
All these LDOs are provided with a bypass mode function.
LDO3 serves for DDR3, DDR3L, DDR4 memory termination (sink-source mode) or to support the general
purpose mode or bypass mode, which is typically suitable for supplying lpDDR's 1.8 V power domain.
LDO4 is a fixed 3.3 V regulator designed to supply a 3V3 USB PHY circuit. It has two voltage sources (VIN or
VBUS) which allows the LDO4 output voltage to stay at 3.3 V when VIN is powered by a discharged battery < 3.3 V
and VBUS powered by 5 V.
VREFDDR is a sink-source reference voltage dedicated for lpDDR/DDR.
4.2.1
Common features
Enable/disable - each LDO can be enabled or disabled independently:
•
Automatically during the POWER_UP or POWER_DOWN sequence depending on the NVM settings.
•
By software (I2C access): setting the EN bit in the related LDO control register.
•
By PWRCTRLx pins state change: the PWRCTRLx pins need to be programmed by I2C to enable this
feature.
VLDOOUT voltage setting - LDO output voltage can be set:
•
Automatically during the POWER_UP or POWER_DOWN sequence depending on the NVM settings.
•
By software (I2C access): setting the VOUT bit field in the related LDO control register.
•
By PWRCTRLx pins state change: the PWRCTRLx pins need to be programmed by I2C to select the
output voltages needed to meet the MPU application requirements.
Bypass mode operation - this mode is set by the BYPASS bit in the related LDO control register:
When in bypass mode, the LDO operates as a power switch allowing voltage to bypass from the VLDOIN to the
VLDOOUT of a corresponding LDO. The LDO can be enabled or disabled as in normal operation. See the “Enable/
disable” description above.
Soft-start: this feature aims to limit input inrush current during the LDO startup phase. LDO soft-start duration is
defined by the tSSLDO parameter.
See Figure 3
STPMIC25
Power regulator descriptions
DS14278 - Rev 3
page 26/145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com