Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMIC25BPQR Datasheet(PDF) 98 Page - STMicroelectronics

Part # STPMIC25BPQR
Description  Highly integrated power management IC for microprocessor units
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC25BPQR Datasheet(HTML) 98 Page - STMicroelectronics

Back Button STPMIC25BPQR Datasheet HTML 94Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 95Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 96Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 97Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 98Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 99Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 100Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 101Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 102Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 145 page
background image
6.5.9
LDO1 MAIN mode control register (LDO1_MAIN_CR)
Table 62. LDO1_MAIN_CR
7
6
5
4
3
2
1
0
INPUT_SRC
reserved
reserved
reserved
reserved
reserved
reserved
EN
R/W
R
R
R
R
R
R
R/W
•
Address: 0x4C
•
Default: 0b0000000X where X depends on the value programmed in the NVM
•
Description: LDO1 MAIN mode control register.
This register is initialized to the default value in the CHECK&LOAD state. The user can write to these registers to
control enable LDO1, which is applied to the MAIN mode (see Section 5.4.6.
[7]
INPUT_SRC:
0: LDO12IN as source
1: VOUT4 as source
[6:1] reserved
[0]
EN:
0: LDO1 is disabled
1: LDO1 is enabled
The default value is defined in the LDO1_RANK[2:0] bit field of the NVM_LDOs_RANK_SHR1 NVM shadow registers. If
LDO1_RANK[2:0] = 0, LDO1 is disabled at power up; if LDO1_RANK[2:0] = y (with 6 > y > 0) LDO1 is enabled at power
up at rank y (see Section 5.2)
6.5.10
LDO1 ALTERNATE mode control register (LDO1_ALT_CR)
Table 63. LDO1_ALT_CR
7
6
5
4
3
2
1
0
INPUT_SRC
reserved
reserved
reserved
reserved
reserved
reserved
EN
R/W
R
R
R
R
R
R
R/W
•
Address: 0x4D
•
Default: 0b0000000X where X depends on the value programmed in the NVM
•
Description: LDO1 ALTERNATE mode control register.
This register is initialized to the default value in the CHECK&LOAD state. The user can write to these registers to
control enable LDO1, which is applied to the ALTERNATE mode (see Section 5.4.6.
[7]
INPUT_SRC:
0: LDO12IN as source
1: VOUT4 as source
[6:1]
reserved
[0]
EN:
0: LDO1 is disabled
1: LDO1 is enabled
The default value is the same as LDO1_MAIN_CR
STPMIC25
Register descriptions
DS14278 - Rev 3
page 98/145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com