Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMIC25BPQR Datasheet(PDF) 45 Page - STMicroelectronics

Part # STPMIC25BPQR
Description  Highly integrated power management IC for microprocessor units
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC25BPQR Datasheet(HTML) 45 Page - STMicroelectronics

Back Button STPMIC25BPQR Datasheet HTML 41Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 42Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 43Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 44Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 45Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 46Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 47Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 48Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 145 page
background image
Refer to Section 6.6
5.4.2
VBUS monitoring
VBUS is monitored permanently by the PMIC state machine. VBUS monitoring is filtered by the tVBUSDB debounce
timer for both rising and falling voltages as shown in Figure 14
Figure 14. VBUS debounce filter behavior
Christophe Belet
VBUS_Fall
VBUS voltage
VBUS_Rise
tVBUSDB
VBUS internal signal
rising edge detection
falling edge detection
tVBUSDB
5.4.3
Turn-on conditions
A turn-on condition is required to power-up the PMIC and to reach the POWER_ON state. A turn-on condition is
only valid from the OFF state, or alternatively from the NO_SUPPLY state (the PMIC has no VIN initially).
The PMIC manages several turn-on conditions:
•
PONKEYn pin assertion
•
VBUS voltage presence
•
WAKEUPn pin assertion
•
AUTO turn-on (AUTO_TURN_ON bit set in the NVM)
•
Fail-safe restart condition
Note:
A fail-safe restart condition is not a real turn-on condition, but rather an allowed restart condition following a
failure event triggering a turn-off event. See Section 5.4.5.
5.4.3.1
PONKEYn / VBUS / WAKEUPn turn-on detection conditions
A turn-on condition can be triggered by 3 external signal sources:
PONKEYn is tied low initially. The PMIC is in a NO_SUPPLY state. When the VIN voltage rises and crosses the
VINPOR_Rise threshold, the PMIC goes into the INIT&LOAD state (transition A), and then it goes into the
CHECK&LOAD state (transition C).
PONKEYn is initially released. The PMIC is in the OFF state. When the PONKEYn is asserted, a turn-on
condition occurs.
WAKEUPn asserted low is always a turn-on condition.
VBUS is tied high initially (VBUS > VBUS_Rise). The PMIC is in the NO_SUPPLY state. When the VIN voltage rises
and crosses the VINPOR_Rise threshold, the PMIC goes into the INIT&LOAD state (transition A), and then it goes
into the CHECK&LOAD state (transition C).
VBUS is initially < VBUS_Fall. The PMIC is in the OFF state. When the VBUS voltage rises and crosses VBUS_Rise,
a turn-on condition occurs.
STPMIC25
Feature descriptions
DS14278 - Rev 3
page 45/145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com