Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMIC25BPQR Datasheet(PDF) 20 Page - STMicroelectronics

Part # STPMIC25BPQR
Description  Highly integrated power management IC for microprocessor units
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC25BPQR Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STPMIC25BPQR Datasheet HTML 16Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 17Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 18Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 19Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 20Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 21Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 22Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 23Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 145 page
background image
3.4.10
BUCK2, BUCK3
Table 15. Electrical and timing parameter specifications (BUCK2, BUCK3)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
BUCK2, BUCK3
VBUCKIN
Main input voltage
range
2.8
5.5
V
VOUT
Output voltage
Programmable value
0.5 to
1.5
Voltage programming step
10
mV
VOUT-ACC
Output voltage open
loop accuracy
HP mode
0.5 V < VOUT < 1.5 V
-1.5
+1.5
%
LP mode
-4
+4
VOUT-REG
Output load regulation
(4)
HP mode, CCM mode 1 mA < IOUT < 1.5 A
-1
+1
VOUT-RIPP
Output voltage ripple
(2)
HP mode
3.0 V < VBUCKIN < 5.5 V
0.7 V < VOUT < 1.0 V
5 mA < IOUT < 2000 mA
10
mVPP
HP mode, IOUT = 1000 mA
3
20
LP mode, 3.0 V < VBUCKIN < 5.5 V
0.6 V < VOUT < 0.9 V
1 mA < IOUT < 50 mA
10
IOUT_LP_PEAK
Peak output current in
LP mode
2.8 V < VBUCKIN < 5.5 V, tPEAK up to 1 ms
200
mA
IBCKLIM
Inductor peak current
limit
(with typical BoM list)
Programmable value in NVM_BUCKS_IOUT_SHR
Ref. Table 1 NVM setting A and B version. Max output current steps
(0.5 A, 1 A, 1.5 A, 2 A) can be defined based on the selected inductor
peak current limit level
1.2
1.8
2.5
3.0
1.5
2.1
2.8
3.3
1.8
2.4
3.1
3.6
A
fREFCLK
Reference switching
frequency
CCM mode
2
MHz
IQ_BCK
Total quiescent current
IOUT = 0 mA, HP mode
115
300
µA
IOUT = 0 mA, LP mode
30
80
IBUCKIN_LKG Input leakage current
BUCK output disabled, Tj = 25 °C
0.01
1
EFFBCK
Efficiency
VBUCKIN = 5 V, Vout = 0.9 V, HP mode
IOUT = 10 mA
IOUT = 100 mA
IOUT = 400 mA
IOUT = 1000 mA
IOUT = 2000 mA
78
80
81
80
73
%
VOUT-LO
Load transient
regulation(4)
HP mode, 3.0 V < VBUCKIN < 5.5 V, 5 mA < IOUT < 2 A
ΔIOUT = 1300 mA, tF = 500 ns
35
mV
HP mode
3.0 V < VBUCKIN < 5.5 V, 5 mA < IOUT < 2 A, ΔIOUT = 1300 mA, tR =
500 ns.
-34
STPMIC25
Electrical and timing characteristics
DS14278 - Rev 3
page 20/145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com