Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMIC25BPQR Datasheet(PDF) 7 Page - STMicroelectronics

Part # STPMIC25BPQR
Description  Highly integrated power management IC for microprocessor units
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC25BPQR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STPMIC25BPQR Datasheet HTML 3Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 4Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 5Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 6Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 7Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 8Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 9Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 10Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 145 page
background image
3
Electrical and timing characteristics
3.1
Absolute maximum ratings
Table 4. Absolute maximum ratings
Parameter
Min.
Unit
VIN, BUCKxIN, VLXx, LDO3IN, LDOxIN, PONKEYn, VBUS
-0.5 to +6.5
V
VIO, SDA, SCL, RSTn, PWRCTRLx, INTn, WAKEUPn
-0.5 to +4.2
INTLDO
-0.5 to +2
VOUT1, VOUT2, VOUT3, VOUT6
-0.5 to +3
VOUT4, VOUT5, VOUT7, LDOxOUT, VREFDDR
-0.5 to +5
Storage temperature range
-65 to +150
°C
ESD HBM
±1000
V
ESD CDM
±500
Note:
Stressing the device above the absolute maximum ratings may cause permanent damage to the device. These
are stress ratings only and operation of the device at these or any other conditions above those indicated in the
operating section of this specification is not implied. Exposure to absolute maximum rating conditions may affect
device reliability.
3.2
Thermal characteristics
Table 5. Thermal characteristics
Symbol
Parameter
Value
Unit
Tj
Absolute maximum junction temperature
-40 to +150
°C
TA
Operating ambient temperature
-40 to +105
ѲJC
Junction-case package thermal resistance
6
°C/W
ѲJA
Junction-ambient package thermal resistance
32
STPMIC25
Electrical and timing characteristics
DS14278 - Rev 3
page 7/145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com