Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMIC25BPQR Datasheet(PDF) 72 Page - STMicroelectronics

Part # STPMIC25BPQR
Description  Highly integrated power management IC for microprocessor units
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC25BPQR Datasheet(HTML) 72 Page - STMicroelectronics

Back Button STPMIC25BPQR Datasheet HTML 68Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 69Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 70Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 71Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 72Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 73Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 74Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 75Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 145 page
background image
6.2.8
Enable status register 1 (EN_SR1)
Table 36. EN_SR1
7
6
5
4
3
2
1
0
EN_REFDDR
EN_BUCK7
EN_BUCK6
EN_BUCK5
EN_BUCK4
EN_BUCK3
EN_BUCK2
EN_BUCK1
R
R
R
R
R
R
R
R
•
Address: 0x07
•
Default: 0bxxxxxxxx where x depends on regulator status (0 = disabled, 1 = enabled)
•
Description: This register reflects the IP current enable status despite the setting in MAIN or ALT
configurations.
[7]
EN_REFDDR: Current internal enable status of REFDDR.
0: Disabled
1: Enabled
[6]
EN_BUCK7: Current internal enable status of BUCK7.
0: Disabled
1: Enabled
[5]
EN_BUCK6: Current internal enable status of BUCK6.
0: Disabled
1: Enabled
[4]
EN_BUCK5: Current internal enable status of BUCK5.
0: Disabled
1: Enabled
[3]
EN_BUCK4: Current internal enable status of BUCK4.
0: Disabled
1: Enabled
[2]
EN_BUCK3: Current internal enable status of BUCK3.
0: Disabled
1: Enabled
[1]
EN_BUCK2: Current internal enable status of BUCK2.
0: Disabled
1: Enabled
[0]
EN_BUCK1: Current internal enable status of BUCK1.
0: Disabled
1: Enabled
STPMIC25
Register descriptions
DS14278 - Rev 3
page 72/145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com