Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMIC25BPQR Datasheet(PDF) 124 Page - STMicroelectronics

Part # STPMIC25BPQR
Description  Highly integrated power management IC for microprocessor units
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC25BPQR Datasheet(HTML) 124 Page - STMicroelectronics

Back Button STPMIC25BPQR Datasheet HTML 120Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 121Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 122Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 123Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 124Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 125Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 126Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 127Page - STMicroelectronics STPMIC25BPQR Datasheet HTML 128Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 145 page
background image
6.8.20
NVM BUCKs output current limitation shadow register 2 (NVM_BUCKS_IOUT_SHR2)
Table 100. NVM_BUCKS_IOUT_SHR2
7
6
5
4
3
2
1
0
HICCUP_DLY[1:0]
BUCK7_ILIM[1:0]
BUCK6_ILIM[1:0]
BUCK5_ILIM[1:0]
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
•
Address: 0xAD
•
Default: Depends on the PMIC part number
•
Description: NVM BUCKs output current limitation shadow register 2.
[7:6]
HICCUP_DLY[1:0]: output current limitation
00: 0 ms
01: 100 ms
10: 500 ms
11: 1000 ms
[5:4]
BUCK7_ILIM[1:0]: output current limitation
00: 1000 mA
01: 1500 mA
10: 2000 mA
11: 2500 mA
[3:2]
BUCK6_ILIM[1:0]: output current limitation
00: 500 mA
01: 1000 mA
10: 1500 mA
11: 2000 mA
[1:0]
BUCK5_ILIM[1:0]: output current limitation
00: 250 mA
01: 500 mA
10: 500 mA
11: 500 mA
STPMIC25
Register descriptions
DS14278 - Rev 3
page 124/145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com