Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE49M Datasheet(PDF) 125 Page - STMicroelectronics

Part # ST7LITE49M
Description  8-bit MCU with single voltage Flash memory data EEPROM, ADC, 8/12-bit timers, and I²C interface
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE49M Datasheet(HTML) 125 Page - STMicroelectronics

Back Button ST7LITE49M Datasheet HTML 121Page - STMicroelectronics ST7LITE49M Datasheet HTML 122Page - STMicroelectronics ST7LITE49M Datasheet HTML 123Page - STMicroelectronics ST7LITE49M Datasheet HTML 124Page - STMicroelectronics ST7LITE49M Datasheet HTML 125Page - STMicroelectronics ST7LITE49M Datasheet HTML 126Page - STMicroelectronics ST7LITE49M Datasheet HTML 127Page - STMicroelectronics ST7LITE49M Datasheet HTML 128Page - STMicroelectronics ST7LITE49M Datasheet HTML 129Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 188 page
background image
ST7LITE49M
On-chip peripherals
125/188
Note:
If a Bus Error occurs, a Stop or a repeated Start condition should be generated by the
Master to re-synchronize communication, get the transmission acknowledged and the bus
released for further communication
Bit 0 = GCAL General Call bit (slave mode).
This bit is set by hardware when a general call address is detected on the bus while
ENGC=1. It is cleared by hardware detecting a Stop condition (STOPF=1) or when the
interface is disabled (PE=0).
0: No general call address detected on bus
1: general call address detected on bus
I2C Clock Control register (CCR)
Reset value: 0000 0000 (00h)
Bit 7 = FM/SM Fast/Standard I2C mode bit
This bit is set and cleared by software. It is not cleared when the interface is disabled
(PE=0).
0: Standard I2C mode
1: Fast I2C mode
Bit 6:0 = CC[6:0] 7-bit clock divider bits
These bits select the speed of the bus (FSCL) depending on the I
2C mode. They are not
cleared when the interface is disabled (PE=0).
Refer to the Electrical Characteristics section for the table of values.
Note:
The programmed FSCL assumes no load on SCL and SDA lines.
I2C Data register (DR)
Reset Value: 0000 0000 (00h)
Bit 7:0 = D[7:0] 8-bit Data register
These bits contain the byte to be received or transmitted on the bus.
Transmitter mode: byte transmission start automatically when the software writes
in the DR register.
Receiver mode: the first data byte is received automatically in the DR register
using the least significant bit of the address. Then, the following data bytes are
received one by one after reading the DR register.
7
0
FM/SM
CC6
CC5
CC4
CC3
CC2
CC1
CC0
Read / Write
7
0
D7
D6
D5
D4
D3
D2
D1
D0
Read / Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com