Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE49M Datasheet(PDF) 126 Page - STMicroelectronics

Part # ST7LITE49M
Description  8-bit MCU with single voltage Flash memory data EEPROM, ADC, 8/12-bit timers, and I²C interface
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE49M Datasheet(HTML) 126 Page - STMicroelectronics

Back Button ST7LITE49M Datasheet HTML 122Page - STMicroelectronics ST7LITE49M Datasheet HTML 123Page - STMicroelectronics ST7LITE49M Datasheet HTML 124Page - STMicroelectronics ST7LITE49M Datasheet HTML 125Page - STMicroelectronics ST7LITE49M Datasheet HTML 126Page - STMicroelectronics ST7LITE49M Datasheet HTML 127Page - STMicroelectronics ST7LITE49M Datasheet HTML 128Page - STMicroelectronics ST7LITE49M Datasheet HTML 129Page - STMicroelectronics ST7LITE49M Datasheet HTML 130Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 188 page
background image
On-chip peripherals
ST7LITE49M
126/188
I2C Own Address register (OAR1)
Reset value: 0000 0000 (00h)
In 7-bit addressing mode
Bit 7:1 = ADD[7:1] Interface address. These bits define the I2C bus address of the
interface. They are not cleared when the interface is disabled (PE=0).
Bit 0 = ADD0 Address direction bit.
This bit is don’t care, the interface acknowledges either 0 or 1. It is not cleared when
the interface is disabled (PE=0).
Note:
Address 01h is always ignored.
In 10-bit addressing mode
Bit 7:0 = ADD[7:0] Interface address. These are the least significant bits of the I2C bus
address of the interface. They are not cleared when the interface is disabled (PE=0).
I2C Own Address register (OAR2)
Reset value: 0100 0000 (40h)
Bit 7:6 = FR[1:0] Frequency bits
These bits are set by software only when the interface is disabled (PE=0). To configure
the interface to I2C specified delays select the value corresponding to the
microcontroller frequency fCPU.
Bit 5:3 = Reserved
Bit 2:1 = ADD[9:8] Interface address
These are the most significant bits of the I2C bus address of the interface (10-bit mode
only). They are not cleared when the interface is disabled (PE=0).
Bit 0 = Reserved.
7
0
ADD7
ADD6
ADD5
ADD4
ADD3
ADD2
ADD1
ADD0
Read / Write
7
0
FR1
FR0
0
0
0
ADD9
ADD8
0
Read / Write
Table 51.
Configuration of I2C delay times
fCPU
FR1
FR0
< 6 MHz
0
0
6 to 8 MHz
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com