Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE49M Datasheet(PDF) 130 Page - STMicroelectronics

Part # ST7LITE49M
Description  8-bit MCU with single voltage Flash memory data EEPROM, ADC, 8/12-bit timers, and I²C interface
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE49M Datasheet(HTML) 130 Page - STMicroelectronics

Back Button ST7LITE49M Datasheet HTML 126Page - STMicroelectronics ST7LITE49M Datasheet HTML 127Page - STMicroelectronics ST7LITE49M Datasheet HTML 128Page - STMicroelectronics ST7LITE49M Datasheet HTML 129Page - STMicroelectronics ST7LITE49M Datasheet HTML 130Page - STMicroelectronics ST7LITE49M Datasheet HTML 131Page - STMicroelectronics ST7LITE49M Datasheet HTML 132Page - STMicroelectronics ST7LITE49M Datasheet HTML 133Page - STMicroelectronics ST7LITE49M Datasheet HTML 134Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 188 page
background image
On-chip peripherals
ST7LITE49M
130/188
Configuring the A/D conversion
The analog input ports must be configured as input, no pull-up, no interrupt (see Section 10:
I/O ports). Using these pins as analog inputs does not affect the ability of the port to be read
as a logic input.
To assign the analog channel to convert, select the CH[2:0] bits in the ADCCSR register.
Set the ADON bit to enable the A/D converter and to start the conversion. From this time on,
the ADC performs a continuous conversion of the selected channel.
When a conversion is complete:
The EOC bit is set by hardware.
The result is in the ADCDR registers.
A read to the ADCDRH or a write to any bit of the ADCCSR register resets the EOC bit.
To read the 10 bits, perform the following steps:
1.
Poll the EOC bit
2.
Read ADCDRL
3.
Read ADCDRH. This clears EOC automatically.
To read only 8 bits, perform the following steps:
1.
Poll EOC bit
2.
Read ADCDRH. This clears EOC automatically.
Changing the conversion channel
The application can change channels during conversion. When software modifies the
CH[3:0] bits in the ADCCSR register, the current conversion is stopped, the EOC bit is
cleared, and the A/D converter starts converting the newly selected channel.
11.5.4
Low power modes
The A/D converter may be disabled by resetting the ADON bit. This feature allows reduced
power consumption when no conversion is needed and between single shot conversions.
11.5.5
Interrupts
None.
Table 53.
Effect of low power modes on the A/D converter
Mode
Description
Wait
No effect on A/D Converter
Halt
A/D Converter disabled.
After wake up from Halt mode, the A/D Converter requires a stabilization time
tSTAB (see Electrical Characteristics) before accurate conversions can be
performed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com