Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE49M Datasheet(PDF) 133 Page - STMicroelectronics

Part # ST7LITE49M
Description  8-bit MCU with single voltage Flash memory data EEPROM, ADC, 8/12-bit timers, and I²C interface
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE49M Datasheet(HTML) 133 Page - STMicroelectronics

Back Button ST7LITE49M Datasheet HTML 129Page - STMicroelectronics ST7LITE49M Datasheet HTML 130Page - STMicroelectronics ST7LITE49M Datasheet HTML 131Page - STMicroelectronics ST7LITE49M Datasheet HTML 132Page - STMicroelectronics ST7LITE49M Datasheet HTML 133Page - STMicroelectronics ST7LITE49M Datasheet HTML 134Page - STMicroelectronics ST7LITE49M Datasheet HTML 135Page - STMicroelectronics ST7LITE49M Datasheet HTML 136Page - STMicroelectronics ST7LITE49M Datasheet HTML 137Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 188 page
background image
ST7LITE49M
Instruction set
133/188
12
Instruction set
12.1
ST7 addressing modes
The ST7 core features 17 different addressing modes which can be classified in seven main
groups:
The ST7 Instruction set is designed to minimize the number of bytes required per
instruction: To do so, most of the addressing modes may be subdivided in two submodes
called long and short:
Long addressing mode is more powerful because it can use the full 64 Kbyte address
space, however it uses more bytes and more CPU cycles.
Short addressing mode is less powerful because it can generally only access page
zero (0000h - 00FFh range), but the instruction size is more compact, and faster. All
memory to memory instructions use short addressing modes only (CLR, CPL, NEG,
BSET, BRES, BTJT, BTJF, INC, DEC, RLC, RRC, SLL, SRL, SRA, SWAP)
The ST7 Assembler optimizes the use of long and short addressing modes.
Table 57.
Description of addressing modes
Addressing mode
Example
Inherent
nop
Immediate
ld A,#$55
Direct
ld A,$55
Indexed
ld A,($55,X)
Indirect
ld A,([$55],X)
Relative
jrne loop
Bit operation
bset
byte,#5
Table 58.
ST7 addressing mode overview
Mode
Syntax
Destination/
source
Pointer
address
Pointer
size
Length
(bytes)
Inherent
nop
+ 0
Immediate
ld A,#$55
+ 1
Short
Direct
ld A,$10
00..FF
+ 1
Long
Direct
ld A,$1000
0000..FFFF
+ 2
No Offset
Direct
Indexed
ld A,(X)
00..FF
+ 0 (with X register)
+ 1 (with Y register)
Short
Direct
Indexed
ld A,($10,X)
00..1FE
+ 1
Long
Direct
Indexed
ld A,($1000,X)
0000..FFFF
+ 2
Short
Indirect
ld A,[$10]
00..FF
00..FF
byte
+ 2
Long
Indirect
ld A,[$10.w]
0000..FFFF
00..FF
word
+ 2
Short
Indirect
Indexed
ld A,([$10],X)
00..1FE
00..FF
byte
+ 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com