Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE49M Datasheet(PDF) 132 Page - STMicroelectronics

Part # ST7LITE49M
Description  8-bit MCU with single voltage Flash memory data EEPROM, ADC, 8/12-bit timers, and I²C interface
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE49M Datasheet(HTML) 132 Page - STMicroelectronics

Back Button ST7LITE49M Datasheet HTML 128Page - STMicroelectronics ST7LITE49M Datasheet HTML 129Page - STMicroelectronics ST7LITE49M Datasheet HTML 130Page - STMicroelectronics ST7LITE49M Datasheet HTML 131Page - STMicroelectronics ST7LITE49M Datasheet HTML 132Page - STMicroelectronics ST7LITE49M Datasheet HTML 133Page - STMicroelectronics ST7LITE49M Datasheet HTML 134Page - STMicroelectronics ST7LITE49M Datasheet HTML 135Page - STMicroelectronics ST7LITE49M Datasheet HTML 136Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 188 page
background image
On-chip peripherals
ST7LITE49M
132/188
Data register High (ADCDRH)
Reset value: xxxx xxxx (xxh)
Bits 7:0 = D[9:2] MSB of Analog Converted Value
Adc Control/data register Low (ADCDRL)
Reset value: 0000 00xx (0xh)
Bits 7:4 = Reserved. Forced by hardware to 0.
Bit 3 = SLOW Slow mode bit
This bit is set and cleared by software. It is used together with the SPEED bit in the
ADCCSR register to configure the ADC clock speed as shown on the table below.
Bit 2 = Reserved. Forced by hardware to 0.
Bits 1:0 = D[1:0] LSB of Analog Converted value
7
0
D9
D8
D7
D6
D5
D4
D3
D2
Read only
7
0
0000
SLOW
0
D1
D0
Read/write
Table 55.
Configuring the ADC clock speed
fADC
(1)
1.
The maximum allowed value of fADC is 4 MHz (see Section 13.11 on page 172)
SLOW
SPEED
fCPU/2
0
0
fCPU
01
fCPU/4
1
x
Table 56.
ADC register mapping and reset values
Address
(Hex.)
Register
label
76543210
0036h
ADCCSR
Reset Value
EOC
0
SPEED
0
ADON
0
0
0
CH3
0
CH2
0
CH1
0
CH0
0
0037h
ADCDRH
Reset Value
D9
x
D8
x
D7
x
D6
x
D5
x
D4
x
D3
x
D2
x
0038h
ADCDRL
Reset Value
0
0
0
0
0
0
0
SLOW
0
0
D1
x
D0
x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com