Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE49M Datasheet(PDF) 152 Page - STMicroelectronics

Part # ST7LITE49M
Description  8-bit MCU with single voltage Flash memory data EEPROM, ADC, 8/12-bit timers, and I²C interface
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE49M Datasheet(HTML) 152 Page - STMicroelectronics

Back Button ST7LITE49M Datasheet HTML 148Page - STMicroelectronics ST7LITE49M Datasheet HTML 149Page - STMicroelectronics ST7LITE49M Datasheet HTML 150Page - STMicroelectronics ST7LITE49M Datasheet HTML 151Page - STMicroelectronics ST7LITE49M Datasheet HTML 152Page - STMicroelectronics ST7LITE49M Datasheet HTML 153Page - STMicroelectronics ST7LITE49M Datasheet HTML 154Page - STMicroelectronics ST7LITE49M Datasheet HTML 155Page - STMicroelectronics ST7LITE49M Datasheet HTML 156Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 188 page
background image
Electrical characteristics
ST7LITE49M
152/188
Figure 70.
Typical IDD in Slow-Wait mode vs. fCPU
Figure 71.
Typical IDD vs. temperature at VDD = 5V and fCPU = 8 MHz
13.4.2
On-chip peripherals
0
0.1
0.2
0.3
0.4
0.5
0.6
Vdd [V]
2MHz
4MHz
8MHz
0
1
2
3
4
5
6
-40°C
25°C
85°C
125°C
Temp[°C]
RUN
WFI
SLOW
SLOW-WAIT
Table 75.
On-chip peripheral characteristics
Symbol
Parameter
Conditions
Typ
Unit
IDD(AT)
12-bit Auto-Reload timer supply current(1)
1.
Data based on a differential IDD measurement between reset configuration (timer stopped) and a timer
running in PWM mode at fcpu= 8 MHz.
fCPU=4 MHz
VDD=3.0 V
10
µA
fCPU=8 MHz
VDD=5.0 V
50
IDD(I2C)
I2C supply current(2)
2.
Data based on a differential IDD measurement between reset configuration (I
2C disabled) and a permanent
I2C master communication at 100 kHz (data sent equal to 55h). This measurement include the pad
toggling consumption (4.7 kOhm external pull-up on clock and data lines).
fCPU=4 MHz
VDD=3.0 V
600
fCPU=8 MHz
VDD=5.0 V
1000
IDD(ADC)
ADC supply current when converting(3)
3.
Data based on a differential IDD measurement between reset configuration and continuous A/D
conversions with amplifier disabled.
fADC=4 MHz
VDD=3.0 V
400
VDD=5.0 V
600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com