Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE49M Datasheet(PDF) 154 Page - STMicroelectronics

Part # ST7LITE49M
Description  8-bit MCU with single voltage Flash memory data EEPROM, ADC, 8/12-bit timers, and I²C interface
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE49M Datasheet(HTML) 154 Page - STMicroelectronics

Back Button ST7LITE49M Datasheet HTML 150Page - STMicroelectronics ST7LITE49M Datasheet HTML 151Page - STMicroelectronics ST7LITE49M Datasheet HTML 152Page - STMicroelectronics ST7LITE49M Datasheet HTML 153Page - STMicroelectronics ST7LITE49M Datasheet HTML 154Page - STMicroelectronics ST7LITE49M Datasheet HTML 155Page - STMicroelectronics ST7LITE49M Datasheet HTML 156Page - STMicroelectronics ST7LITE49M Datasheet HTML 157Page - STMicroelectronics ST7LITE49M Datasheet HTML 158Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 188 page
background image
Electrical characteristics
ST7LITE49M
154/188
13.6
Clock and timing characteristics
Subject to general operating conditions for VDD, fOSC, and TA.
Figure 72.
Typical application with an external clock source
Table 78.
General timings
Symbol
Parameter(1)
1.
Guaranteed by Design. Not tested in production.
Conditions
Min
Typ(2)
2.
Data based on typical application software.
Max
Unit
tc(INST)
Instruction cycle time
fCPU=8MHz
23
12
tCPU
250
375
1500
ns
tv(IT)
Interrupt reaction time(3)
tv(IT) = ∆tc(INST) + 10
3.
Time measured between interrupt event and interrupt vector fetch.
∆t
c(INST) is the number of tCPU cycles
needed to finish the current instruction execution.
fCPU=8MHz
10
22
tCPU
1.25
2.75
µs
Table 79.
External clock source characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VOSC1H or
VCLKIN_H
OSC1/CLKIN input pin high
level voltage
see Figure 72
0.7xVDD
VDD
V
VOSC1L or
VCLKIN_L
OSC1/CLKIN input pin low
level voltage
VSS
0.3xVDD
tw(OSC1H) or
tw(CLKINH)
tw(OSC1L) or
tw(CLKINL)
OSC1/CLKIN high or low
time(1)
1.
Data based on design simulation and/or technology characteristics, not tested in production.
15
ns
tr(OSC1) or tr(CLKIN)
tf(OSC1) or tf(CLKIN)
OSC1/CLKIN rise or fall time(1)
15
IL
OSCx/CLKIN Input leakage
current
VSS≤VIN≤VDD
±1
µA
OSC1/CLKIN
OSC2
fOSC
EXTERNAL
ST7xxx
CLOCK SOURCE
Not connected internally
VOSC1L or VCLKINL
VOSC1H or VCLKINH
tr(OSC1 or CLKIN))
tf(OSC1 or CLKIN)
tw(OSC1H or CLKINH))
tw(OSC1L or CLKINL)
IL
90%
10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com