Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9610 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDA9610
Description  Audio FM processor for VHS hi-fi audio
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9610 Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA9610 Datasheet HTML 1Page - NXP Semiconductors TDA9610 Datasheet HTML 2Page - NXP Semiconductors TDA9610 Datasheet HTML 3Page - NXP Semiconductors TDA9610 Datasheet HTML 4Page - NXP Semiconductors TDA9610 Datasheet HTML 5Page - NXP Semiconductors TDA9610 Datasheet HTML 6Page - NXP Semiconductors TDA9610 Datasheet HTML 7Page - NXP Semiconductors TDA9610 Datasheet HTML 8Page - NXP Semiconductors TDA9610 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
1995 Mar 21
5
Philips Semiconductors
Product specification
Audio FM processor for VHS hi-fi audio
TDA9610H
RECTL
38
rectifier DC decoupling left
DETL
39
attack/recovery timing left
Vref
40
noise filtering of 3.8 V reference voltage; external capacitor required for filtering
VSSA1
41
analog ground for LF circuits
DETR
42
attack/recovery timing right
RECTR
43
rectifier DC decoupling right
EMPHR
44
total emphasis right (20 to 240
µs)
DCREFR
45
DC reference right
DCFBR
46
DC feedback left
LINOUT
47
linear output
EXN1
48
EXN input (external normal input); mono input selectable to linear output
AFOUTR
49
audio output from either sample-and-hold (playback) or noise reduction (record and
loop-through) of right channel
AFINR
50
audio input for either audio clipper (record) or noise reduction (playback) of right
channel
HID
51
head identification pulse input for sample-and-hold circuits
EXN2
52
EXN input (external normal input); mono input selectable to linear output
FADJR
53
frequency adjustment of right channel oscillator by means of a variable resistor
n.c.
54
not connected; preferably connected to ground
FMINR
55
1.7 to 1.8 MHz input for limiter
FMOUT
56
FM output
VDDA2
57
analog supply voltage (+5 V)
i.c.
58
pin internally connected to die pad; preferably connected to ground
VSSA2
59
analog ground for HF circuits
NTSC
60
digital output controlled by I2C-bit NTSC
FMINL
61
1.3 to 1.4 MHz input for limiter
n.c.
62
not connected; preferably connected to ground
n.c.
63
not connected; preferably connected to ground
FADJL
64
frequency adjustment of left channel oscillator by means of a variable resistor
SYMBOL
PIN
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com