Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9610 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # TDA9610
Description  Audio FM processor for VHS hi-fi audio
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9610 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button TDA9610 Datasheet HTML 13Page - NXP Semiconductors TDA9610 Datasheet HTML 14Page - NXP Semiconductors TDA9610 Datasheet HTML 15Page - NXP Semiconductors TDA9610 Datasheet HTML 16Page - NXP Semiconductors TDA9610 Datasheet HTML 17Page - NXP Semiconductors TDA9610 Datasheet HTML 18Page - NXP Semiconductors TDA9610 Datasheet HTML 19Page - NXP Semiconductors TDA9610 Datasheet HTML 20Page - NXP Semiconductors TDA9610 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 41 page
background image
1995 Mar 21
17
Philips Semiconductors
Product specification
Audio FM processor for VHS hi-fi audio
TDA9610H
Notes
1. X = don’t care.
2. MUTE from control byte.
Headphone volume byte
Table 20 Headphone volume byte
1110100
9 dB
1110110
10 dB
1111000
11 dB
1111010
12 dB
1111100
13 dB
1111110
14 dB
VH4
VH3
VH2
VH1
VH0
MODE
0
0
0
0
0
mute
00001
−44 dB
00010
−42 dB
00011
−40 dB
00100
−38 dB
00101
−36 dB
00110
−34 dB
00111
−32 dB
01000
−30 dB
01001
−28 dB
01010
−26 dB
01011
−24 dB
01100
−22 dB
01101
−20 dB
01110
−18 dB
01111
−16 dB
10000
−14 dB
10001
−12 dB
10010
−10 dB
10011
−8dB
10100
−6dB
10101
−4dB
10110
−2dB
10111
0 dB(1)
11000
2 dB
11001
4 dB
VL5
VL4
VL3
VL2
VL1
VL0
MUTE(2)
MODE
VR5
VR4
VR3
VR2
VR1
VR0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com