Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9610 Datasheet(PDF) 38 Page - NXP Semiconductors

Part # TDA9610
Description  Audio FM processor for VHS hi-fi audio
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9610 Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button TDA9610 Datasheet HTML 33Page - NXP Semiconductors TDA9610 Datasheet HTML 34Page - NXP Semiconductors TDA9610 Datasheet HTML 35Page - NXP Semiconductors TDA9610 Datasheet HTML 36Page - NXP Semiconductors TDA9610 Datasheet HTML 37Page - NXP Semiconductors TDA9610 Datasheet HTML 38Page - NXP Semiconductors TDA9610 Datasheet HTML 39Page - NXP Semiconductors TDA9610 Datasheet HTML 40Page - NXP Semiconductors TDA9610 Datasheet HTML 41Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 38 / 41 page
background image
1995 Mar 21
38
Philips Semiconductors
Product specification
Audio FM processor for VHS hi-fi audio
TDA9610H
Adjustment of VCO frequency
Set the TDA9610H in record mode (NTSC off), no audio
input signal.
Measure the frequency at FMOUT (pin 56) with a
frequency counter and use the VCO TEST modes
(see Section “Function byte”) to output only the channel of
interest.
Adjust the VCO frequencies to 1.4 MHz
±10 kHz and
1.8 MHz
±10 kHz by means of the potentiometers at
pin 64 (FADJL) and pin 53 (FADJR).
When NTSC is to be the main video standard, set
NTSC on and adjust to 1.3 MHz and 1.7 MHz for optimum
frequency accuracy.
Standard FM deviation and audio level
Reference levels of frequency deviation and audio output
level are set by the resistor value at pin 24 (RVAR);
simultaneous for left, right, playback and record. Typical
resistor values can be calculated with equation:
Where:
∆f = reference FM deviation.
A = reference audio output level (1 kHz audio
frequency).
If adjustment for overall tolerance is needed, R has to be
made adjustable for the range 0.7Rtyp to 1.4Rtyp.
Set the TDA9610H in playback. Use a HF test generator to
make a carrier of 1.4 MHz with the desired modulation and
input this signal at FMINL (pin 61) or before the band-pass
filter and measure the audio output level at LINEL (pin 27).
R
typ
∆f
50 kHz
------------------

 2
A
400 mV (RMS)
---------------------------------------


----------------------------------------------
2.2 k
Ω
×
=
Power-down mode
To lower the dissipation in a stand-by situation, the 12 V
supply voltage at pin 19 (VDDA1) and pin 20 (VDDH) may be
switched off, with pins 19 and 20 ‘floating’. No low-ohmic
DC path to ground may be seen from pins 19 and 20,
because this will drain extra current from the 5 V supply via
these pins to ground.
Because of the fact that the I2C circuitry and the digital
outputs RAF, NTSC and XS are supplied via the 5 V
supply, no I2C settings will be lost and the output pins can
still be used.
For instance, XS can be used to drive external mute
transistors to mute the DC jump at the line outputs when
switching the 12 V supply.
RAF I/O
The status of the I2C RAF bit is output at pin 14
(RAF = HIGH; record). This output can be used to switch
the audio FM head amplifier to playback and record. If
accurate fast switching of the TDA9610H is needed, this
pin can also be used as input. Thereby overruling the I2C
RAF bit. To make this possible the RAF output is current
limited.
When using the RAF pin as output, no more than 35
µA
(LOW) and 185
µA (HIGH) current may be drawn from this
pin to assure the mode of the TDA9610H is not changed.
When using the RAF pin as input, the voltage source used
must be capable of delivering at least 345
µA (forced
HIGH;
>3.5 V) or sinking at least 65 µA (forced
LOW;
<1.5 V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com