Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9610 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # TDA9610
Description  Audio FM processor for VHS hi-fi audio
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9610 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button TDA9610 Datasheet HTML 17Page - NXP Semiconductors TDA9610 Datasheet HTML 18Page - NXP Semiconductors TDA9610 Datasheet HTML 19Page - NXP Semiconductors TDA9610 Datasheet HTML 20Page - NXP Semiconductors TDA9610 Datasheet HTML 21Page - NXP Semiconductors TDA9610 Datasheet HTML 22Page - NXP Semiconductors TDA9610 Datasheet HTML 23Page - NXP Semiconductors TDA9610 Datasheet HTML 24Page - NXP Semiconductors TDA9610 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
1995 Mar 21
21
Philips Semiconductors
Product specification
Audio FM processor for VHS hi-fi audio
TDA9610H
fres
frequency response with
respect to 1 kHz; low-pass
filter transfer
fi =20kHz
−0.5
−
+0.5
dB
fi =60kHz
−−9
−5dB
αct
maximum audio input crosstalk
−8 dBV at a not
selected stereo audio
input
−−85
−
dBV
VU meter drive (DCOUTL and DCOUTR; pins 31 and 32); square root of output voltage (see Fig.8)
Vo
output voltage
1.6
1.8
2.0
V
Ro
output resistance
−
100
−Ω
Vo
output voltage at maximum
record level
TUNL =
−3 dBV;
TUNR =
−3 dBV;
note 1
VDDD − 0.5 −
VDDD
V
Voz
output voltage for zero-level
input
−−
300
mV
RF modulator drive output; mono MODOUT; pin 30 (see Fig.9)
Vo
output voltage
−10
−8
−6
dBV
Ro
output resistance
−
100
−Ω
THD
total harmonic distortion
−
0.04
−
%
Vo
output voltage at maximum
record level
TUNL =
−3 dBV;
TUNR =
−3 dBV;
note 1
−7
−4
−1
dBV
THD
total harmonic distortion at
maximum record level
TUNL =
−3 dBV;
TUNR =
−3 dBV;
note 1
−
1
−
%
Linear output (LINOUT; pin 47); NSS = 0
Vo
output voltage
−9
−8
−7
dBV
Ro
output resistance
−
200
−Ω
THD
total harmonic distortion
−
0.01
−
%
Vn
noise level
fi = 300 Hz to 20 kHz
−−93
−
dBV
Vo
output voltage
THD = 1%;
RL =10kΩ;
TUNL
≤−3 dBV;
TUNR
≤−3 dBV;
NSS = 1; note 1
910
−
dBV
Headphone output (HPOUTL and HPOUTR; pins 22 and 23); headphone volume set to 0 dB
Vo
output voltage
−9
−8
−7
dBV
Ro
output resistance
−
3
−Ω
THD
total harmonic distortion
−
0.06
0.1
%
Vo
output voltage
THD = 1%;
TUNL
≤−3 dBV;
TUNR
≤−3 dBV;
RL = 250 Ω; note 1
9.5
10.5
−
dBV
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com