Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9610 Datasheet(PDF) 32 Page - NXP Semiconductors

Part # TDA9610
Description  Audio FM processor for VHS hi-fi audio
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9610 Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button TDA9610 Datasheet HTML 28Page - NXP Semiconductors TDA9610 Datasheet HTML 29Page - NXP Semiconductors TDA9610 Datasheet HTML 30Page - NXP Semiconductors TDA9610 Datasheet HTML 31Page - NXP Semiconductors TDA9610 Datasheet HTML 32Page - NXP Semiconductors TDA9610 Datasheet HTML 33Page - NXP Semiconductors TDA9610 Datasheet HTML 34Page - NXP Semiconductors TDA9610 Datasheet HTML 35Page - NXP Semiconductors TDA9610 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 41 page
background image
1995 Mar 21
32
Philips Semiconductors
Product specification
Audio FM processor for VHS hi-fi audio
TDA9610H
Vref
40
noise filtering of 3.8 V
reference voltage; external
capacitor required for filtering
VSSA1
41
analog ground for LF circuits
DETR
42
attack/recovery timing right
RECTR
43
rectifier DC decoupling right
EMPHR
44
total emphasis right
(20 to 240
µs)
DCREFR
45
DC reference right
DCFBR
46
DC feedback right
SYMBOL
PIN
EQUIVALENT CIRCUIT
DESCRIPTION
MKA343 - 1
40
20 k
Ω
3.8 V
MKA344 - 1
42
384
Ω
16.4
µA
695
Ω
695 k
Ω
1296
Ω
43
MKA345 - 1
MKA346 - 1
45
46.8 k
Ω
4.3 k
Ω
3.8 V
46
100 k
Ω
44
250
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com