Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9610 Datasheet(PDF) 28 Page - NXP Semiconductors

Part # TDA9610
Description  Audio FM processor for VHS hi-fi audio
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9610 Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button TDA9610 Datasheet HTML 24Page - NXP Semiconductors TDA9610 Datasheet HTML 25Page - NXP Semiconductors TDA9610 Datasheet HTML 26Page - NXP Semiconductors TDA9610 Datasheet HTML 27Page - NXP Semiconductors TDA9610 Datasheet HTML 28Page - NXP Semiconductors TDA9610 Datasheet HTML 29Page - NXP Semiconductors TDA9610 Datasheet HTML 30Page - NXP Semiconductors TDA9610 Datasheet HTML 31Page - NXP Semiconductors TDA9610 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 41 page
background image
1995 Mar 21
28
Philips Semiconductors
Product specification
Audio FM processor for VHS hi-fi audio
TDA9610H
RAF
14
overrule the I2C-bit RAF input
or record/playback switch
drive output for head amplifier
control
VSSD
15
I2C-bus digital ground
SDA
16
I2C-bus data input
SCL
17
I2C-bus clock input
XS
18
auxiliary switch; digital output
controlled by I2C-bit XS
VDDA1
19
analog supply voltage (+12 V)
VDDH
20
headphone supply voltage
(+12 V)
SYMBOL
PIN
EQUIVALENT CIRCUIT
DESCRIPTION
MKA326 - 1
275
Ω
14
100
µA
RAF
I C-RAF
2
13
21
275
Ω
16
MKA327 - 1
275
Ω
17
MKA328 - 1
18
MKA329 - 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com