Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9610 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA9610
Description  Audio FM processor for VHS hi-fi audio
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9610 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA9610 Datasheet HTML 1Page - NXP Semiconductors TDA9610 Datasheet HTML 2Page - NXP Semiconductors TDA9610 Datasheet HTML 3Page - NXP Semiconductors TDA9610 Datasheet HTML 4Page - NXP Semiconductors TDA9610 Datasheet HTML 5Page - NXP Semiconductors TDA9610 Datasheet HTML 6Page - NXP Semiconductors TDA9610 Datasheet HTML 7Page - NXP Semiconductors TDA9610 Datasheet HTML 8Page - NXP Semiconductors TDA9610 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
1995 Mar 21
2
Philips Semiconductors
Product specification
Audio FM processor for VHS hi-fi audio
TDA9610H
FEATURES
• Integrated High Frequency (HF) low-pass filter (LPF)
and summator
• Low-noise Phase-Locked Loop (PLL) FM (de)modulator
• Low-distortion sample-and-hold switching noise
suppressor
• Integrated audio low-pass filter
• 4 stereo input selectors (left [L] and right [R] channel):
– EXT1L and EXT1R
– EXT2L and EXT2R
– CINL and CINR
– TUNL and TUNR
• Additional mono inputs for linear audio: EXN1 and EXN2
• DC output for VU meter drive
• Direct headphone drive
• Linear input/linear output
• Modulator output with overload Automatic Gain
Control (AGC)
• RAF (Record Audio FM) for head amplifier control
• Power-down mode facility
• I2C-bus control of:
– line input volume
– headphone output volume
– input/output selector
– PAL/NTSC mode
• E-E performance (record + playback):
– Total Harmonic Distortion (THD): 0.05%
(
−8 dBV, 1 kHz)
– linearity error: 0.1 dB (
−88 dBV)
– noise:
−93 dBV (20 Hz to 20 kHz).
GENERAL DESCRIPTION
The TDA9610H is a dual audio FM processing IC for VHS
hi-fi audio, digitally controlled via the I2C-bus. The
FM (de)modulator and peak noise reduction functions are
highly integrated, resulting in few external components
and adjustments.
In addition special functions for audio editing, mixing and
dubbing have been implemented.
ORDERING INFORMATION
Note
1. When using IR reflow soldering it is recommended that the Drypack instructions in the
“Quality Reference
Handbook” (order number 9398 510 63011) are followed.
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA9610H
QFP64(1)
plastic quad flat package; 64 leads (lead length 1.95 mm);
body 14
× 20 × 2.8 mm
SOT319-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com