Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9610 Datasheet(PDF) 35 Page - NXP Semiconductors

Part # TDA9610
Description  Audio FM processor for VHS hi-fi audio
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9610 Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button TDA9610 Datasheet HTML 31Page - NXP Semiconductors TDA9610 Datasheet HTML 32Page - NXP Semiconductors TDA9610 Datasheet HTML 33Page - NXP Semiconductors TDA9610 Datasheet HTML 34Page - NXP Semiconductors TDA9610 Datasheet HTML 35Page - NXP Semiconductors TDA9610 Datasheet HTML 36Page - NXP Semiconductors TDA9610 Datasheet HTML 37Page - NXP Semiconductors TDA9610 Datasheet HTML 38Page - NXP Semiconductors TDA9610 Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 41 page
background image
1995 Mar 21
35
Philips Semiconductors
Product specification
Audio FM processor for VHS hi-fi audio
TDA9610H
i.c.
58
pin internally connected to
die pad; preferably connected
to ground
VSSA2
59
analog ground for HF circuits
NTSC
60
digital output controlled by
I2C-bit NTSC
FMINL
61
1.3 or 1.4 MHz input for limiter
n.c.
62
not connected; preferably
connected to ground
n.c.
63
not connected; preferably
connected to ground
FADJL
64
frequency adjustment of left
channel oscillator by means of
a variable resistor
SYMBOL
PIN
EQUIVALENT CIRCUIT
DESCRIPTION
60
MKA356 - 1
MKA357 - 1
61
15
k
Ω
15
k
Ω
15
pF
15 pF
3.8 V
MKA358 - 1
64
CCO-current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com