Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9610 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # TDA9610
Description  Audio FM processor for VHS hi-fi audio
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9610 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button TDA9610 Datasheet HTML 18Page - NXP Semiconductors TDA9610 Datasheet HTML 19Page - NXP Semiconductors TDA9610 Datasheet HTML 20Page - NXP Semiconductors TDA9610 Datasheet HTML 21Page - NXP Semiconductors TDA9610 Datasheet HTML 22Page - NXP Semiconductors TDA9610 Datasheet HTML 23Page - NXP Semiconductors TDA9610 Datasheet HTML 24Page - NXP Semiconductors TDA9610 Datasheet HTML 25Page - NXP Semiconductors TDA9610 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 41 page
background image
1995 Mar 21
22
Philips Semiconductors
Product specification
Audio FM processor for VHS hi-fi audio
TDA9610H
Vn
noise level
fi = 300 Hz to 20 kHz;
tuner AC
short-circuited
−−90
−80
dBV
αct
crosstalk between channels
one channel driven
−−90
−70
dBV
Vmute
headphone volume mute level
−−90
−70
dBV
αcb
channel balance
−1
−
+1
dB
Audio outputs (AFOUTL and AFOUTR; pins 2 and 49); audio output from noise reduction
VoAF
audio output voltage
−13
−11.5
−10
dBV
THD
total harmonic distortion
−
0.15
0.3
%
VoAF
audio output voltage at
maximum record level
TUNL =
−3 dBV;
TUNR =
−3 dBV;
note 1
−3.5
−2
−0.5
dBV
THD
total harmonic distortion at
maximum record level
TUNL =
−3 dBV;
TUNR =
−3 dBV;
note 1
−
0.4
3
%
Vn
noise level
fi = 300 Hz to 20 kHz
−−55
−52
dBV
αcb
channel balance
−1
−
+1
dB
L
linearity
Vi = −8to −68 dBV
28.5
30
31.5
dB
αcc
channel crosstalk
one channel driven
−−65
−50
dBV
tatt
attack time according VHS
−
5
−
ms
trec
recovery time according VHS
−
70
−
ms
Vmute
mute level
MUTE = 1
−−52
−
dBV
frequency response with
respect to 1 kHz; output level
fi = 300 Hz
−0.9
−0.2
+0.5
dB
fi = 10 kHz
2.9
3.9
4.9
dB
FM modulator (audio input from AFINL and AFINR; pins 1 and 50)
THD
total harmonic distortion
∆f = 50 kHz
−
0.1
0.2
%
∆f
FM frequency deviation
ViAF = −11.5 dBV
45
50
55
kHz
∆f
max
maximum FM frequency
deviation
140
150
160
kHz
TC
temperature coefficient
−±50
−
10−6/K
Rfa
frequency adjust resistor
left channel
22
28
35
k
Ω
right channel
17
22
28
k
Ω
foR
FM centre frequency right
NTSC = 1
−
1700
−
kHz
foL
FM centre frequency left
NTSC = 1
−
1300
−
kHz
∆f
FM frequency deviation
NTSC = 1;
ViAF = −11.5 dBV
45
50
55
kHz
HF output stage (FMOUT; pin 56)
VoR(p-p)
right output voltage
(peak-to-peak value)
foR = 1.8 MHz;
1st harmonic
455
510
572
mV
VoL(p-p)
left output voltage
(peak-to-peak value)
foL = 1.4 MHz;
1st harmonic
152
170
190
mV
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com