Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9610 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # TDA9610
Description  Audio FM processor for VHS hi-fi audio
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9610 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button TDA9610 Datasheet HTML 15Page - NXP Semiconductors TDA9610 Datasheet HTML 16Page - NXP Semiconductors TDA9610 Datasheet HTML 17Page - NXP Semiconductors TDA9610 Datasheet HTML 18Page - NXP Semiconductors TDA9610 Datasheet HTML 19Page - NXP Semiconductors TDA9610 Datasheet HTML 20Page - NXP Semiconductors TDA9610 Datasheet HTML 21Page - NXP Semiconductors TDA9610 Datasheet HTML 22Page - NXP Semiconductors TDA9610 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 41 page
background image
1995 Mar 21
19
Philips Semiconductors
Product specification
Audio FM processor for VHS hi-fi audio
TDA9610H
DC CHARACTERISTICS
VDDA1 = 12 V; VDDA2 =5V; fOUTR = 1.8 MHz; fOUTL = 1.4 MHz; NTSC = 0; fm = 1 kHz; Tamb =25 °C; all volume control
levels set to 0 dB; measured in test circuit (see Fig.12); unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply voltages
VDDA1
analog supply voltage; pin 19
10.5
12
13.2
V
VDDA2
analog supply voltage; pin 57
4.75
5
5.25
V
VDDH
headphone supply voltage; pin 20
10.5
12
13.2
V
VDDD
digital supply voltage; pin 13
4.75
5
5.25
V
Supply currents
IDDA1
analog supply current; pin 19
−
37
46
mA
IDDA2
analog supply current; pin 57
record or
loop-through
−
79mA
playback
−
10
13
mA
IDDH
headphone supply current; pin 20
−
3.5
4.5
mA
IDDD
digital supply current; pin 13
−
0.5
2
mA
Input voltages
VI
DC input voltage; pins 1, 3, 4, 5, 6,
8, 9, 10, 33, 48, 50, 52
−
3.8
−
V
V55,61
DC input voltage internally
generated; pins 55 and 61
−
0
−
V
Output voltages
VO
DC output voltage:
pins 27 and 28
−
6
−
V
pins 22 and 23
−
5.5
−
V
pins 2, 30, 40, 49, 53 and 64
−
3.8
−
V
pin 47
−
6
−
V
pin 24
−
0.5
−
V
pin 25
−
2.0
−
V
pin 56
record mode
−
1.2
−
V
Head identification pulse input (HID; pin 51)
VIH
HIGH level input voltage
2.75
−
5.25
V
VIL
LOW level input voltage
0
−
2.25
V
Auxiliary switch output (XS; pin 18)
VOH
HIGH level output voltage
IL = −500 µAVDDD − 0.5
−−
V
VOL
LOW level output voltage
IL = 500 µA
−−
0.5
V
Digital output (NTSC; pin 60)
VOH
HIGH level output voltage
IL = −500 µAVDDA2 − 0.5 −−
V
VOL
LOW level output voltage
IL = 500 µA
−−
0.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com