Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9610 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # TDA9610
Description  Audio FM processor for VHS hi-fi audio
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9610 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TDA9610 Datasheet HTML 7Page - NXP Semiconductors TDA9610 Datasheet HTML 8Page - NXP Semiconductors TDA9610 Datasheet HTML 9Page - NXP Semiconductors TDA9610 Datasheet HTML 10Page - NXP Semiconductors TDA9610 Datasheet HTML 11Page - NXP Semiconductors TDA9610 Datasheet HTML 12Page - NXP Semiconductors TDA9610 Datasheet HTML 13Page - NXP Semiconductors TDA9610 Datasheet HTML 14Page - NXP Semiconductors TDA9610 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
1995 Mar 21
11
Philips Semiconductors
Product specification
Audio FM processor for VHS hi-fi audio
TDA9610H
Control byte
Table 3
Bits of control byte
Table 4
Bits IPAF and RAF
Notes
1. The RAF bit can be overruled externally by applying a low-ohmic voltage to the RAF I/O (pin 14) either logic 0 or
logic 1 (0 or +5 V). The actual mode of the IC is determined by the level measured at this pin.
2. The two record modes are equal, only differing in their reaction to forcing RAF LOW at the RAF I/O pin; the status of
the IPAF bit determines whether the IC is switched to the playback or loop-through mode.
Table 5
Bit NTSC
Table 6
Bit PAFM
Note
1. Bit PAFM has the same effect as the internally generated mute signal from the modem part when no FM carrier is
detected during playback mode. If one (or both) of these signals is HIGH, the audio signal coming from the modem
is muted.
Table 7
Bit MUTE
BIT
DESCRIPTION
IPAF
Inverse Playback Audio FM; see Table 4
RAF
Record Audio FM; see Table 4
NTSC
National Television Standards Committee; television standard; see Table 5
PAFM
Playback Audio FM Mute; see Table 6
MUTE
Mute; see Table 7
IPAF
RAF(1)
MODE
DESCRIPTION
0
0
playback
NR and modem in playback mode
1
0
loop-through
NR in record mode; modem not active [por]
0
1
record(2)
NR and modem in record mode
1
1
record(2)
NR and modem in record mode
NTSC
MODE
DESCRIPTION
0
PAL
modem set to PAL carrier frequencies [por]
1
NTSC
modem set to NTSC carrier frequencies
PAFM(1)
MODE
DESCRIPTION
0
−
1
PB mute
the signal from the modem is muted in playback mode
MUTE
MODE
DESCRIPTION
0
−
1
full mute
all audio outputs are muted [por]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com