Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9610 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # TDA9610
Description  Audio FM processor for VHS hi-fi audio
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9610 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button TDA9610 Datasheet HTML 16Page - NXP Semiconductors TDA9610 Datasheet HTML 17Page - NXP Semiconductors TDA9610 Datasheet HTML 18Page - NXP Semiconductors TDA9610 Datasheet HTML 19Page - NXP Semiconductors TDA9610 Datasheet HTML 20Page - NXP Semiconductors TDA9610 Datasheet HTML 21Page - NXP Semiconductors TDA9610 Datasheet HTML 22Page - NXP Semiconductors TDA9610 Datasheet HTML 23Page - NXP Semiconductors TDA9610 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 41 page
background image
1995 Mar 21
20
Philips Semiconductors
Product specification
Audio FM processor for VHS hi-fi audio
TDA9610H
AC CHARACTERISTICS
Record mode
Audio input signal
−8 dBV from TUNL and TUNR (pins 9 and 10).
I/O RAF (pin 14); used as output
VOH
HIGH level output voltage
RAF = 1;
IL = −35 µA
VDDD − 0.25 −
VDDD
V
VOL
LOW level output voltage
RAF = 0;
IL = 185 µA
0
−
0.4
V
IOH
HIGH level output current (drive
capability)
RAF = 1
−35
−−µA
IOL
LOW level output current (drive
capability)
RAF = 0
185
−−µA
I/O RAF (pin 14); used as input (output overruled)
VIH
HIGH level input voltage
3.5
−
VDDD
V
VIL
LOW level input voltage
0
−
1.5
V
IIH
HIGH level input current
at VIH
−−
345
µA
IIL
LOW level input current
at VIL
−−
−65
µA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Audio inputs (EXT1L, EXT1R, EXT2L, EXT2R, CINL, CINR, TUNL, TUNR, EXN1 and EXN2;
pins 3, 4, 5, 6, 7, 8, 9, 10, 48 and 52)
Ri
input resistance
100
130
−
k
Ω
ViAF
audio input voltage
−−
8
dBV
Linear input (LININ; pin 33); select mode: linear
Ri
input resistance
Vi = −8 dBV; f = 1 kHz
50
75
100
k
Ω
Vo
line output voltage
Vi = −8 dBV; f = 1 kHz −9
−8
−7
dBV
Line outputs (LINEL and LINER; pins 27 and 28)
Vo
output voltage
−9
−8
−7
dBV
Ro
output resistance
−
200
275
Ω
THD
total harmonic distortion
−
0.01
0.1
%
Vo
output voltage
THD = 1%;
RL =5kΩ;
CL = 2.2 nF;
TUNL
≤−3 dBV;
TUNR
≤−3 dBV;
note 1
10
11
−
dBV
Vn
noise level
fi = 300 Hz to 20 kHz
−−92
−88
dBV
αcb
channel balance
−1
−
+1
dB
Vm
volume mute level
−−100
−80
dBV
αct
crosstalk between channels
one channel driven
−−88
−80
dBV
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com