Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9610 Datasheet(PDF) 24 Page - NXP Semiconductors

Part # TDA9610
Description  Audio FM processor for VHS hi-fi audio
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9610 Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button TDA9610 Datasheet HTML 20Page - NXP Semiconductors TDA9610 Datasheet HTML 21Page - NXP Semiconductors TDA9610 Datasheet HTML 22Page - NXP Semiconductors TDA9610 Datasheet HTML 23Page - NXP Semiconductors TDA9610 Datasheet HTML 24Page - NXP Semiconductors TDA9610 Datasheet HTML 25Page - NXP Semiconductors TDA9610 Datasheet HTML 26Page - NXP Semiconductors TDA9610 Datasheet HTML 27Page - NXP Semiconductors TDA9610 Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 41 page
background image
1995 Mar 21
24
Philips Semiconductors
Product specification
Audio FM processor for VHS hi-fi audio
TDA9610H
Note
1. The audio distortion is measured with the HID pulse frequency set to 1 kHz (500 Hz input at pin 51). FM signal:
fm = 10 kHz; ∆f = 50 kHz. The distortion is measured with a 3 kHz 4th-order low-pass filter. The measured value at
1 kHz HID-pulse frequency is corrected with 26 dB in order to calculate the equivalent distortion at 50 Hz HID-pulse
frequency.
THD
total harmonic distortion
−
0.06
0.2
%
L
linearity
ViAF = −11.5 to −41.5 dBV 57
60
63
dB
αcb
channel balance
−2
−
+2
dB
fres
frequency response with
respect to 1 kHz; output
level
fi = 300 Hz
−1
+0.4
+1.8
dB
fi =10kHz
−9.7
−7.7
−5.7
dB
DC outputs (DCOUTL and DCOUTR; pins 31 and 32); square root of output voltage (see Fig.8)
Voz
output voltage for zero input
level
HSF=1
−−
300
mV
HSF=0
−−
440
mV
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
68
48
28
12
1.5
11.5
31.5
41.5
21.5
MKA362
8
VoAF
(dBV)
V
(dBV)
iAF
Fig.6
Compression curve of noise reduction at
1 kHz; record mode. The audio output
voltage at AFOUTL and AFOUTR
(pins 2 and 49) as a function of the
audio input voltage at TUNL and TUNR
(pins 9 and 10).
Fig.7
Expansion curve of noise reduction at
1 kHz; playback mode. The audio output
voltage at LINEL and LINER
(pins 27 and 28) as a function of the audio
input voltage at AFINL and AFINR
(pins 1 and 50).
68
48
28
12
1.5
11.5
31.5
41.5
21.5
MKA363
8
V iAF
(dBV)
V (dBV)
o



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com