Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9610 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA9610
Description  Audio FM processor for VHS hi-fi audio
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9610 Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA9610 Datasheet HTML 1Page - NXP Semiconductors TDA9610 Datasheet HTML 2Page - NXP Semiconductors TDA9610 Datasheet HTML 3Page - NXP Semiconductors TDA9610 Datasheet HTML 4Page - NXP Semiconductors TDA9610 Datasheet HTML 5Page - NXP Semiconductors TDA9610 Datasheet HTML 6Page - NXP Semiconductors TDA9610 Datasheet HTML 7Page - NXP Semiconductors TDA9610 Datasheet HTML 8Page - NXP Semiconductors TDA9610 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
1995 Mar 21
4
Philips Semiconductors
Product specification
Audio FM processor for VHS hi-fi audio
TDA9610H
PINNING
SYMBOL
PIN
DESCRIPTION
AFINL
1
audio input for either audio clipper (record) or noise reduction (playback) of left
channel
AFOUTL
2
audio output from either sample-and-hold (playback) or noise reduction (record and
loop-through) of left channel
EXT2L
3
input selector for left channel
EXT2R
4
input selector for right channel
EXT1L
5
input selector for left channel
EXT1R
6
input selector for right channel
CINL
7
input selector for left channel
CINR
8
input selector for right channel
TUNL
9
input selector for left channel
TUNR
10
input selector for right channel
ENVOUT
11
level detector output; external capacitor required for filtering
MUTE
12
mute timing; external capacitor required for timing playback mute
VDDD
13
digital supply voltage (+5 V)
RAF
14
overrule the I2C-bit RAF input or record/playback switch drive output for head
amplifier control
VSSD
15
I2C-bus digital ground
SDA
16
I2C-bus data input
SCL
17
I2C-bus clock input
XS
18
auxiliary switch; digital output controlled by I2C-bit XS
VDDA1
19
analog supply voltage 1 (+12 V)
VDDH
20
headphone supply voltage (+12 V)
VSSH
21
headphone ground
HPOUTL
22
headphone drive output left
HPOUTR
23
headphone drive output right
RVAR
24
gain adjustment of noise reduction by means of a resistor to ground
RFIX
25
fixed bias current generation circuit by using an external 100 k
Ω resistor to ground
i.c.
26
pin internally connected to die pad; preferably connected to ground
LINEL
27
line output left
LINER
28
line output right
MODAGC
29
RF modulator AGC-time constant
MODOUT
30
RF modulator drive output
DCOUTL
31
VU meter drive output left
DCOUTR
32
VU meter drive output right
LININ
33
linear input
n.c.
34
not connected
DCFBL
35
DC feedback left
DCREFL
36
DC reference left
EMPHL
37
total emphasis left (20 to 240
µs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com