Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9610 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # TDA9610
Description  Audio FM processor for VHS hi-fi audio
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9610 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button TDA9610 Datasheet HTML 14Page - NXP Semiconductors TDA9610 Datasheet HTML 15Page - NXP Semiconductors TDA9610 Datasheet HTML 16Page - NXP Semiconductors TDA9610 Datasheet HTML 17Page - NXP Semiconductors TDA9610 Datasheet HTML 18Page - NXP Semiconductors TDA9610 Datasheet HTML 19Page - NXP Semiconductors TDA9610 Datasheet HTML 20Page - NXP Semiconductors TDA9610 Datasheet HTML 21Page - NXP Semiconductors TDA9610 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 41 page
background image
1995 Mar 21
18
Philips Semiconductors
Product specification
Audio FM processor for VHS hi-fi audio
TDA9610H
Note
1. This is the situation after Power-On Reset (POR).
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
HANDLING
All pins are meeting the ESD requirements.
Remark: Pin 1 showed a higher sensitivity during the latch-up test and was not fully meeting the test limits.
THERMAL CHARACTERISTICS
11010
6 dB
11011
8 dB
11100
10 dB
11101
12 dB
11110
14 dB
11111
16 dB
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VDDA1
analog supply voltage
0
13.2
V
VDDA2
analog supply voltage
0
5.5
V
VDDH
headphone supply voltage
0
13.2
V
VDDD
digital supply voltage
0
5.5
V
Vn
voltage on pins:
1, 3, 4, 5, 6, 7, 8, 9, 10, 39, 42, 48, 50 and 52
0
7.7
V
11, 12, 56 and 60
0
VDDA2
V
14 and 18
0
VDDD
V
Tstg
storage temperature
−65
+150
°C
Tamb
operating ambient temperature
0
+70
°C
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient in free air
55
K/W
VH4
VH3
VH2
VH1
VH0
MODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com