Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9610 Datasheet(PDF) 23 Page - NXP Semiconductors

Part # TDA9610
Description  Audio FM processor for VHS hi-fi audio
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9610 Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button TDA9610 Datasheet HTML 19Page - NXP Semiconductors TDA9610 Datasheet HTML 20Page - NXP Semiconductors TDA9610 Datasheet HTML 21Page - NXP Semiconductors TDA9610 Datasheet HTML 22Page - NXP Semiconductors TDA9610 Datasheet HTML 23Page - NXP Semiconductors TDA9610 Datasheet HTML 24Page - NXP Semiconductors TDA9610 Datasheet HTML 25Page - NXP Semiconductors TDA9610 Datasheet HTML 26Page - NXP Semiconductors TDA9610 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 41 page
background image
1995 Mar 21
23
Philips Semiconductors
Product specification
Audio FM processor for VHS hi-fi audio
TDA9610H
Note
1. Record volume control for left and right channel set to maximum (+14 dB). Headphone volume control at 0 dB.
Playback mode
Audio output signal from the FM (de)modulator at AFOUTL and AFOUTR (pins 2 and 49).
ratio of output voltages
2.7
3
3.3
α3rd
3rd harmonic suppression
20
30
−
dB
Ro
output resistance
−
100
130
Ω
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
PLL FM demodulator and limiter
αAM
AM rejection
ViHF = 1 to 100 mV;
m = 30%
−−80
−
dBV
Vi(rms)
sensitivity; PLL locked
(RMS value)
∆f = 150 kHz
−−
0.6
mV
Vi max(rms)
maximum signal level
(RMS value)
−−
200
mV
THD
total harmonic distortion
∆f = 50 kHz
−
0.03
0.3
%
∆f = 150 kHz
−
0.2
1
%
S/N
signal-to-noise ratio
ViHF =30mV; ∆f = 50 kHz 55
60
−
dB
VoAF
AF output voltage
∆f = 50 kHz
−12.5
−11.5
−10.5
dBV
αct
crosstalk between channels L to R; R to L
−−90
−
dBV
Sample-and-hold (see Fig.10)
th
hold pulse width
5
6
7
µs
dAF
audio distortion
note 1
−−−76
dB
td
delay from HID pulse to
hold pulse
−
0.15
−µs
Mute timing (MUTE; pin 12)
Vi(rms)
mute activation level
(RMS value)
1.1
2.0
3.5
mV
toff
switch-off duration
signal to no signal
−
15
−
ms
ton
switch-on duration
no signal to signal
−
400
−
ms
Level detector output ENVOUT; pin 11 (see Fig.11)
Vo
output voltage level
ViHF(rms) =1mV
−
1.5
−
V
ViHF(rms) =10mV
−
3.1
−
V
ViHF(rms) = 100 mV
−
4.5
−
V
Ro
output resistance
−
20
−
k
Ω
Line outputs (LINEL and LINER; pins 27 and 28); audio inputs at AFINL and AFINR (pins 1 and 50):
−11.5 dBV
Vo
output voltage
−11
−8
−5
dBV
Vn
noise level
fi = 300 Hz to 20 kHz
−−93
−90
dBV
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V
oR
V
oL
----------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com