Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9610 Datasheet(PDF) 31 Page - NXP Semiconductors

Part # TDA9610
Description  Audio FM processor for VHS hi-fi audio
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9610 Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button TDA9610 Datasheet HTML 27Page - NXP Semiconductors TDA9610 Datasheet HTML 28Page - NXP Semiconductors TDA9610 Datasheet HTML 29Page - NXP Semiconductors TDA9610 Datasheet HTML 30Page - NXP Semiconductors TDA9610 Datasheet HTML 31Page - NXP Semiconductors TDA9610 Datasheet HTML 32Page - NXP Semiconductors TDA9610 Datasheet HTML 33Page - NXP Semiconductors TDA9610 Datasheet HTML 34Page - NXP Semiconductors TDA9610 Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 41 page
background image
1995 Mar 21
31
Philips Semiconductors
Product specification
Audio FM processor for VHS hi-fi audio
TDA9610H
DCOUTR
32
VU meter drive output right
LININ
33
linear input
n.c.
34
not connected
DCFBL
35
DC feedback left
DCREFL
36
DC reference left
EMPHL
37
total emphasis left
(20 to 240
µs)
RECTL
38
rectifier DC decoupling left
DETL
39
attack/recovery timing left
SYMBOL
PIN
EQUIVALENT CIRCUIT
DESCRIPTION
MKA338 - 1
32
100
Ω
MKA339 - 1
33
37.5 k
Ω
37.5 k
Ω
3.8 V
MKA340 - 1
36
46.8 k
Ω
4.3 k
Ω
3.8 V
35
100 k
Ω
37
250
µA
695
Ω
695 k
Ω
1296
Ω
38
MKA341 - 1
MKA342 - 1
39
384
Ω
16.4
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com