Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9610 Datasheet(PDF) 27 Page - NXP Semiconductors

Part # TDA9610
Description  Audio FM processor for VHS hi-fi audio
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9610 Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button TDA9610 Datasheet HTML 23Page - NXP Semiconductors TDA9610 Datasheet HTML 24Page - NXP Semiconductors TDA9610 Datasheet HTML 25Page - NXP Semiconductors TDA9610 Datasheet HTML 26Page - NXP Semiconductors TDA9610 Datasheet HTML 27Page - NXP Semiconductors TDA9610 Datasheet HTML 28Page - NXP Semiconductors TDA9610 Datasheet HTML 29Page - NXP Semiconductors TDA9610 Datasheet HTML 30Page - NXP Semiconductors TDA9610 Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 41 page
background image
1995 Mar 21
27
Philips Semiconductors
Product specification
Audio FM processor for VHS hi-fi audio
TDA9610H
EXT2R
4
input selector for right channel
EXT1R
6
CINR
8
TUNR
10
ENVOUT
11
level detector output; external
capacitor required for filtering
MUTE
12
mute timing; external capacitor
required for timing
playback mute
VDDD
13
digital supply voltage (+5 V)
SYMBOL
PIN
EQUIVALENT CIRCUIT
DESCRIPTION
MKA323 - 1
volume
control
right
3.8 V
130 k
Ω
4
3.8 V
130 k
Ω
6
3.8 V
130 k
Ω
8
3.8 V
130 k
Ω
10
MKA324 - 1
2 V
20 k
Ω
11
500
Ω
275
Ω
12
ENVOUT
MKA325 - 1
18
µA
PBMUTE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com