Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4341 Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS4341
Description  24-Bit, 96 kHz Stereo DAC with Volume Control
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4341 Datasheet(HTML) 5 Page - Cirrus Logic

  CS4341_05 Datasheet HTML 1Page - Cirrus Logic CS4341_05 Datasheet HTML 2Page - Cirrus Logic CS4341_05 Datasheet HTML 3Page - Cirrus Logic CS4341_05 Datasheet HTML 4Page - Cirrus Logic CS4341_05 Datasheet HTML 5Page - Cirrus Logic CS4341_05 Datasheet HTML 6Page - Cirrus Logic CS4341_05 Datasheet HTML 7Page - Cirrus Logic CS4341_05 Datasheet HTML 8Page - Cirrus Logic CS4341_05 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
CS4341
DS298F5
5
ANALOG CHARACTERISTICS (CS4341-KS/CZZ) (Test conditions (unless otherwise specified): Input
test signal is a 997 Hz sine wave at 0 dBFS; measurement bandwidth is 10 Hz to 20 kHz; test load RL =10kΩ, CL
= 10 pF (see Figure 1).)
Parameter
VA = 5.0 V
VA = 3.0 V
Min
Typ
Max
Min
Typ
Max
Unit
Single-Speed Mode
Fs = 48 kHz
Dynamic Range
(Note 2)
18 to 24-Bit
unweighted
A-Weighted
16-Bit
unweighted
A-Weighted
93
96
-
-
98
101
92
95
-
-
-
-
89
92
-
-
94
97
92
95
-
-
-
-
dB
dB
dB
dB
Total Harmonic Distortion + Noise
(Note 2)
18 to 24-Bit
0 dB
-20 dB
-60 dB
16-Bit
0 dB
-20 dB
-60 dB
-
-
-
-
-
-
-91
-78
-38
-90
-72
-32
-86
-
-
-
-
-
-
-
-
-
-
-
-94
-74
-34
-91
-72
-32
-89
-
-
-
-
-
dB
dB
dB
dB
dB
dB
Double-Speed Mode
Fs = 96 kHz
Dynamic Range
(Note 2)
18 to 24-Bit
unweighted
A-Weighted
16-Bit
unweighted
A-Weighted
93
96
-
-
98
101
92
95
-
-
-
-
89
92
-
-
94
97
92
95
-
-
-
-
dB
dB
dB
dB
Total Harmonic Distortion + Noise
(Note 2)
18 to 24-Bit
0 dB
-20 dB
-60 dB
16-Bit
0 dB
-20 dB
-60 dB
-
-
-
-
-
-
-91
-78
-38
-90
-72
-32
-86
-
-
-
-
-
-
-
-
-
-
-
-94
-74
-34
-91
-72
-32
-89
-
-
-
-
-
dB
dB
dB
dB
dB
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com